Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C164-12JC Datasheet (PDF) - Alliance Semiconductor Corporation

AS7C164-12JC Datasheet PDF - Alliance Semiconductor Corporation
Part # AS7C164-12JC
Download  AS7C164-12JC Download
File Size   224.97 Kbytes
Page   8 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 5V 8K X 8 CMOS SRAM

AS7C164-12JC Datasheet (PDF)

Go To PDF Page Download Datasheet
AS7C164-12JC Datasheet PDF - Alliance Semiconductor Corporation

Part # AS7C164-12JC
Download  AS7C164-12JC Click to download

File Size   224.97 Kbytes
Page   8 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 5V 8K X 8 CMOS SRAM

AS7C164-12JC Datasheet (HTML) - Alliance Semiconductor Corporation


AS7C164-12JC Product details

Function description
The AS7C164 is a high performance CMOS 65,536-bit Static Random Access Memory (SRAM) device organized as 8,192 words × 8 bits. It is designed for memory applications where fast data access, low power, and simple interfacing are desired.

Features
• AS7C164 (5V version)
• Commercial temperatur
• Organization: 8,192 words × 8 bits
• Center power and ground pins
• High speed
    - 12/15/20 ns address access time
    - 3/4/5 ns output enable access time
• Low power consumption: ACTIVE
    - 550 mW (AS7C164) / max @ 12 ns
• Low power consumption: STANDBY
    - 11 mW (AS7C164) / max CMOS I/O
• 2.0V data retention
• Easy memory expansion with CE1, CE2, OE inputs
• TTL-compatible, three-state I/O
• 28-pin JEDEC standard package
    - 300 mil PDIP and SOJ
• ESD protection ≥ 2000 volts
• Latch-up current ≥ 200 mA




Similar Part No. - AS7C164-12JC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS7C164A ETC2-AS7C164A Datasheet
459Kb / 10P
8K X 8 BIT HIGH SPEED CMOS SRAM
logo
Alliance Semiconductor ...
AS7C164A ALSC-AS7C164A Datasheet
459Kb / 10P
Fully static operation
More results


Similar Description - AS7C164-12JC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z09 STMICROELECTRONICS-M48Z09 Datasheet
122Kb / 13P
CMOS 8K x 8 ZEROPOWER SRAM
Nov-1994
logo
AMIC Technology
A623308 AMICC-A623308 Datasheet
130Kb / 13P
8K X 8 BIT CMOS SRAM
logo
Holtek Semiconductor In...
HT6264 HOLTEK-HT6264 Datasheet
238Kb / 10P
CMOS 8K x 8-Bit SRAM
logo
UMC Corporation
UM6264 UMC-UM6264 Datasheet
410Kb / 8P
8K x 8 CMOS SRAM
logo
STMicroelectronics
MK48Z08 STMICROELECTRONICS-MK48Z08 Datasheet
622Kb / 12P
CMOS 8K x 8 ZEROPOWER SRAM
Feb-1991
logo
UMC Corporation
UM6164 UMC-UM6164 Datasheet
286Kb / 5P
8K X 8 HIGH SPEED CMOS SRAM
logo
STMicroelectronics
M48T08 STMICROELECTRONICS-M48T08 Datasheet
471Kb / 27P
CMOS 8K x 8 TIMEKEEPER SRAM
Rev 7.0
logo
Rohm
BR6265 ROHM-BR6265 Datasheet
424Kb / 8P
8K X 8 CMOS SRAM
logo
AMIC Technology
A623308A AMICC-A623308A_15 Datasheet
194Kb / 14P
8K X 8 BIT CMOS SRAM
A623308A AMICC-A623308A Datasheet
194Kb / 14P
8K X 8 BIT CMOS SRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com