Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C164-12JC Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS7C164-12JC
Description  5V 8K X 8 CMOS SRAM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C164-12JC Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS7C164-12JC Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C164-12JC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C164-12JC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C164-12JC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C164-12JC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C164-12JC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C164-12JC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C164-12JC Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
0D\ 
&RS\ULJKW‹$OOLDQFH6HPLFRQGXFWRU$OOULJKWVUHVHUYHG
$6&

Y
$OOLDQFH6HPLFRQGXFWRU
RI
9.[&02665$0
Š
)HDWXUHV
• AS7C164 (5V version)
• Commercial temperature
• Organization: 8,192 words × 8 bits
• Center power and ground pins
•High speed
- 12/15/20 ns address access time
- 6/7/8 ns output enable access time
• Low power consumption: ACTIVE
- 550 mW (AS7C164) / max @ 12 ns
• Low power consumption: STANDBY
- 11 mW (AS7C164) / max CMOS I/O
• 2.0V data retention
• Easy memory expansion with CE1, CE2, OE inputs
• TTL-compatible, three-state I/O
• 28-pin JEDEC standard package
-300 mil SOJ
• ESD protection
≥ 2000 volts
• Latch-up current
≥ 200 mA
/RJLF EORFNGLDJUDP
A
5
A
0
128×64×8
Array
(65,536)
Input buffer
A1
A2
A3
A4
A10
A11
A12
A
6
A
7
A
8
A
9
I/O0
I/O7
VCC
GND
OE
CE1
WE
Column decoder
Control
circuit
CE2
3LQDUUDQJHPHQW
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
Vcc
WE
CE2
A8
A9
A11
OE
A10
CE1
I/O7
I/O6
I/O5
I/O4
I/O3
NC
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
GND
28-pin PDIP, SOJ (300 mL)
16
15
6HOHFWLRQJXLGH
-12
-15
-20
Unit
Maximum address access time
12
15
20
ns
Maximum output enable access time
6
7
8
ns
Maximum operating current
110
100
90
mA
Maximum CMOS standby current
2.0
2.0
2.0
mA


Similar Part No. - AS7C164-12JC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS7C164A ETC2-AS7C164A Datasheet
459Kb / 10P
8K X 8 BIT HIGH SPEED CMOS SRAM
logo
Alliance Semiconductor ...
AS7C164A ALSC-AS7C164A Datasheet
459Kb / 10P
Fully static operation
More results

Similar Description - AS7C164-12JC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z09 STMICROELECTRONICS-M48Z09 Datasheet
122Kb / 13P
CMOS 8K x 8 ZEROPOWER SRAM
Nov-1994
logo
AMIC Technology
A623308 AMICC-A623308 Datasheet
130Kb / 13P
8K X 8 BIT CMOS SRAM
logo
Holtek Semiconductor In...
HT6264 HOLTEK-HT6264 Datasheet
238Kb / 10P
CMOS 8K x 8-Bit SRAM
logo
UMC Corporation
UM6264 UMC-UM6264 Datasheet
410Kb / 8P
8K x 8 CMOS SRAM
logo
STMicroelectronics
MK48Z08 STMICROELECTRONICS-MK48Z08 Datasheet
622Kb / 12P
CMOS 8K x 8 ZEROPOWER SRAM
Feb-1991
logo
UMC Corporation
UM6164 UMC-UM6164 Datasheet
286Kb / 5P
8K X 8 HIGH SPEED CMOS SRAM
logo
STMicroelectronics
M48T08 STMICROELECTRONICS-M48T08 Datasheet
471Kb / 27P
CMOS 8K x 8 TIMEKEEPER SRAM
Rev 7.0
logo
Rohm
BR6265 ROHM-BR6265 Datasheet
424Kb / 8P
8K X 8 CMOS SRAM
logo
AMIC Technology
A623308A AMICC-A623308A_15 Datasheet
194Kb / 14P
8K X 8 BIT CMOS SRAM
A623308A AMICC-A623308A Datasheet
194Kb / 14P
8K X 8 BIT CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com