Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6432CB Datasheet (PDF) - Renesas Technology Corp

ISL6432CB Datasheet PDF - Renesas Technology Corp
Part # ISL6432CB
Download  ISL6432CB Download
File Size   685.46 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PWM and Triple Linear Power Controller for Home Gateway Applications

ISL6432CB Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6432CB Datasheet PDF - Renesas Technology Corp

Part # ISL6432CB
Download  ISL6432CB Click to download

File Size   685.46 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PWM and Triple Linear Power Controller for Home Gateway Applications

ISL6432CB Datasheet (HTML) - Renesas Technology Corp


ISL6432CB Product details

PWM and Triple Linear Power Controller for Home Gateway Applications

The ISL6432 provides the power control and protection for four output voltages for use with high-performance microprocessor and embedded controller based communications chip sets. The IC integrates a voltage-mode PWM controller and three linear controllers, as well as monitoring and protection functions into a 16-lead SOIC package.

Features
• Provides 4 Regulated Voltages
    - Memory Core, Embedded Controller/DSP, Tuner
• Drives Bipolar Linear Pass Transistors
• Externally Resistor-Adjustable Outputs
• Simple Single-Loop Control Design
    - Voltage-Mode PWM Control
• Fast PWM Converter Transient Response
    - High-Bandwidth Error Amplifier
    - Full 0% to 100% Duty Ratio
• Excellent Output Voltage Regulation
    - All Outputs: ±2% Over Temperature
• Overcurrent Fault Monitors
    - Switching Regulator Does Not Require Extra Current Sensing Element, Uses MOSFET’s rDS(ON)
• Small Converter Size
    - 300kHz Constant Frequency Operation
    - Small External Component Count
• ACPI Compatible
• Voltage Sequencing

Applications
• Low-Power Distributed DC-DC Conversion
• Cable Modem and DSL Modem Power Regulation
• High Performance Memory Applications




Similar Part No. - ISL6432CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6432CB INTERSIL-ISL6432CB Datasheet
276Kb / 12P
PWM and Triple Linear Power Controller for Home Gateway Applications
June 2001
More results


Similar Description - ISL6432CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6021 INTERSIL-HIP6021 Datasheet
136Kb / 15P
Advanced PWM and Triple Linear Power Controller
February 1999
ISL6432 INTERSIL-ISL6432 Datasheet
276Kb / 12P
PWM and Triple Linear Power Controller for Home Gateway Applications
June 2001
HIP6521 INTERSIL-HIP6521 Datasheet
156Kb / 13P
PWM and Triple Linear Power Controller
IPM6220A INTERSIL-IPM6220A Datasheet
527Kb / 15P
Advanced Triple PWM and Dual Linear Power Controller for Portable Applications
August 2004
ISL6440A INTERSIL-ISL6440A Datasheet
749Kb / 16P
Advanced PWM and Triple Linear Power Controller for Gateway Applications
October 2001
HIP6521 INTERSIL-HIP6521_06 Datasheet
354Kb / 13P
PWM and Triple Linear Power Controller
October 16, 2006
logo
List of Unclassifed Man...
ADM5120 ETC2-ADM5120 Datasheet
306Kb / 8P
HOME GATEWAY CONTROLLER
logo
Renesas Technology Corp
HIP6521 RENESAS-HIP6521 Datasheet
643Kb / 13P
PWM and Triple Linear Power Controller
IPM6220A RENESAS-IPM6220A Datasheet
749Kb / 14P
Advanced Triple PWM and Dual Linear Power Controller for Portable Applications
IPM6220 RENESAS-IPM6220 Datasheet
819Kb / 14P
Advanced Triple PWM and Dual Linear Power Controller for Portable Applications
Dec 2000
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com