Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3682 Datasheet (PDF) - Advanced Analogic Technologies

AAT3682 Datasheet PDF - Advanced Analogic Technologies
Part # AAT3682
Download  AAT3682 Download
File Size   233.8 Kbytes
Page   18 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description Lithium-Ion/Polymer Linear Battery Charger

AAT3682 Datasheet (PDF)

Go To PDF Page Download Datasheet
AAT3682 Datasheet PDF - Advanced Analogic Technologies

Part # AAT3682
Download  AAT3682 Click to download

File Size   233.8 Kbytes
Page   18 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description Lithium-Ion/Polymer Linear Battery Charger

AAT3682 Datasheet (HTML) - Advanced Analogic Technologies


AAT3682 Product details

General Description
The AAT3682 is a lithium-ion/polymer linear battery charger. It is designed for compact portable applications with a single-cell battery. The AAT3682 precisely regulates battery charge voltage and charge current, and offers an integrated pass device, minimizing the number of external components required.

Features
• VIN Range: 4.7V to 6.0V
• Low Quiescent Current, Typically 0.5mA
• 1% Accurate Preset Voltage
• Up to 1A of Charging Current
• Integrated Pass Device
• Battery Temperature Monitoring
• Fast Trickle Charge Option
• Deep Discharge Cell Conditioning
• LED Charge Status Output or System Microcontroller Serial Interface
• Power-On Reset
• Lower Power Sleep Mode
• Status Outputs for LED or System Interface Indicates Charge and Fault Conditions
• Temperature Range: -20°C to +70°C
• 16-Pin QFN44 Package

Applications
• Cellular Telephones
• Digital Still Cameras
• Hand-Held PCs
• MP3 Players
• Personal Data Assistants (PDAs)




Similar Part No. - AAT3682

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3682 AAT-AAT3682 Datasheet
373Kb / 18P
Lithium-Ion/Polymer Linear Battery Charger
2006.12.1.3
logo
Advanced Analogic Techn...
AAT3682 ANALOGICTECH-AAT3682 Datasheet
373Kb / 18P
Lithium-Ion/Polymer Linear Battery Charger
logo
Skyworks Solutions Inc.
AAT3682 SKYWORKS-AAT3682 Datasheet
1Mb / 18P
Li-Ion/Polymer Linear Battery Charger
AAT3682-4.2 SKYWORKS-AAT3682-4.2 Datasheet
1Mb / 18P
Li-Ion/Polymer Linear Battery Charger
logo
Advanced Analog Technol...
AAT3682ISN-4.2-T1 AAT-AAT3682ISN-4.2-T1 Datasheet
373Kb / 18P
Lithium-Ion/Polymer Linear Battery Charger
2006.12.1.3
More results


Similar Description - AAT3682

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3685 ANALOGICTECH-AAT3685 Datasheet
455Kb / 23P
Lithium-Ion/Polymer Battery Charger
AAT3687 ANALOGICTECH-AAT3687 Datasheet
551Kb / 22P
Lithium-Ion/Polymer Battery Charger
logo
Advanced Analog Technol...
AAT3682 AAT-AAT3682 Datasheet
373Kb / 18P
Lithium-Ion/Polymer Linear Battery Charger
2006.12.1.3
AAT3685 AAT-AAT3685 Datasheet
678Kb / 23P
Lithium-Ion/Polymer Battery Charger
2006.10.1.3
AAT3687 AAT-AAT3687 Datasheet
628Kb / 22P
Lithium-Ion/Polymer Battery Charger
2006.10.1.7
logo
Advanced Analogic Techn...
AAT3682 ANALOGICTECH-AAT3682_06 Datasheet
373Kb / 18P
Lithium-Ion/Polymer Linear Battery Charger
AAT3685 ANALOGICTECH-AAT3685_08 Datasheet
388Kb / 21P
Lithium-Ion/Polymer Battery Charger
AAT3687 ANALOGICTECH-AAT3687_08 Datasheet
816Kb / 20P
Lithium-Ion/Polymer Battery Charger
logo
Dongguan Pingjingsemi T...
PJ4054B PJSEMI-PJ4054B Datasheet
3Mb / 6P
Linear Lithium-ion Battery Charger
PJ4057 PJSEMI-PJ4057 Datasheet
3Mb / 5P
Linear Lithium-ion Battery Charger
More results




About Advanced Analogic Technologies


Advanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power manageAdvanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power management and high-performance analog integrated circuits (ICs).
The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices.
AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.ment and high-performance analog integrated circuits (ICs). The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices. AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com