Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3687 Datasheet (PDF) - Advanced Analogic Technologies

AAT3687 Datasheet PDF - Advanced Analogic Technologies
Part # AAT3687
Download  AAT3687 Download
File Size   551.38 Kbytes
Page   22 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description Lithium-Ion/Polymer Battery Charger

AAT3687 Datasheet (PDF)

Go To PDF Page Download Datasheet
AAT3687 Datasheet PDF - Advanced Analogic Technologies

Part # AAT3687
Download  AAT3687 Click to download

File Size   551.38 Kbytes
Page   22 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description Lithium-Ion/Polymer Battery Charger

AAT3687 Datasheet (HTML) - Advanced Analogic Technologies


AAT3687 Product details

General Description
The AAT3687 BatteryManager is a highly integrated single-cell lithium-ion/polymer battery charger IC designed to operate with AC adapter inputs. It requires a minimum number of external components. The AAT3687 precisely regulates battery charge voltage and current for 4.2V lithiumion/polymer battery cells. Adapter charge current rates can be programmed up to 1.5A. An active thermal management system regulates the fast charge constant current for all ambient temperature and input vs. output voltage conditions.

Features
• Input Voltage Range: 4.0V to 5.5V
• Up to 1.5A Charging Current
• Adapter Present Indicator (ADPP#)
• High Level of Integration with Internal:
    — Charging Device
    — Reverse Blocking Diode
    — Current Sensing
• Active Thermal Loop Charge Reduction
• Automatic Recharge Sequencing
• Battery Temperature Monitoring
• Full Battery Charge Auto Turn-Off / Sleep Mode
• Over-Voltage, Over-Temperature, and Emergency Thermal Protection
• Power On Reset and Soft Start
• Serial Interface Status Report
• 12-Pin 3x3mm TDFN Package
• -40°C to +85°C Temperature Range

Applications
• Cellular Telephones
• Digital Still Cameras
• Hand Held PCs
• MP3 Players
• Personal Data Assistants (PDAs)
• Other Lithium-Ion/Polymer Battery-Powered Devices




Similar Part No. - AAT3687

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3687 AAT-AAT3687 Datasheet
628Kb / 22P
Lithium-Ion/Polymer Battery Charger
2006.10.1.7
logo
Advanced Analogic Techn...
AAT3687 ANALOGICTECH-AAT3687 Datasheet
816Kb / 20P
Lithium-Ion/Polymer Battery Charger
logo
Skyworks Solutions Inc.
AAT3687 SKYWORKS-AAT3687 Datasheet
1Mb / 20P
Li-Ion/Polymer Battery Charger
April 26, 2012
logo
Advanced Analogic Techn...
AAT3687-1 ANALOGICTECH-AAT3687-1 Datasheet
816Kb / 20P
Lithium-Ion/Polymer Battery Charger
AAT3687-2 ANALOGICTECH-AAT3687-2 Datasheet
816Kb / 20P
Lithium-Ion/Polymer Battery Charger
More results


Similar Description - AAT3687

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3682 ANALOGICTECH-AAT3682 Datasheet
233Kb / 18P
Lithium-Ion/Polymer Linear Battery Charger
AAT3685 ANALOGICTECH-AAT3685 Datasheet
455Kb / 23P
Lithium-Ion/Polymer Battery Charger
logo
Advanced Analog Technol...
AAT3682 AAT-AAT3682 Datasheet
373Kb / 18P
Lithium-Ion/Polymer Linear Battery Charger
2006.12.1.3
AAT3685 AAT-AAT3685 Datasheet
678Kb / 23P
Lithium-Ion/Polymer Battery Charger
2006.10.1.3
AAT3687 AAT-AAT3687 Datasheet
628Kb / 22P
Lithium-Ion/Polymer Battery Charger
2006.10.1.7
logo
Advanced Analogic Techn...
AAT3697 ANALOGICTECH-AAT3697 Datasheet
1Mb / 22P
2A Lithium-Ion/Polymer Battery Charger
AAT3682 ANALOGICTECH-AAT3682_06 Datasheet
373Kb / 18P
Lithium-Ion/Polymer Linear Battery Charger
AAT3685 ANALOGICTECH-AAT3685_08 Datasheet
388Kb / 21P
Lithium-Ion/Polymer Battery Charger
AAT3697 ANALOGICTECH-AAT3697_08 Datasheet
748Kb / 19P
2A Lithium-Ion/Polymer Battery Charger
AAT3687 ANALOGICTECH-AAT3687_08 Datasheet
816Kb / 20P
Lithium-Ion/Polymer Battery Charger
More results




About Advanced Analogic Technologies


Advanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power manageAdvanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power management and high-performance analog integrated circuits (ICs).
The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices.
AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.ment and high-performance analog integrated circuits (ICs). The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices. AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com