Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3682 Datasheet (PDF) - Advanced Analog Technology, Inc.

AAT3682 Datasheet PDF - Advanced Analog Technology, Inc.
Part # AAT3682
Download  AAT3682 Download
File Size   373.14 Kbytes
Page   18 Pages
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.
Description Lithium-Ion/Polymer Linear Battery Charger

AAT3682 Datasheet (PDF)

Go To PDF Page Download Datasheet
AAT3682 Datasheet PDF - Advanced Analog Technology, Inc.

Part # AAT3682
Download  AAT3682 Click to download

File Size   373.14 Kbytes
Page   18 Pages
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.
Description Lithium-Ion/Polymer Linear Battery Charger

AAT3682 Datasheet (HTML) - Advanced Analog Technology, Inc.


AAT3682 Product details

General Description
The AAT3682 is a lithium-ion/polymer linear battery charger. It is designed for compact portable applications with a single-cell battery. The AAT3682 precisely regulates battery charge voltage and charge current, and offers an integrated pass device, minimizing the number of external components required.

Features
• VIN Range: 4.7V to 6.0V
• Low Quiescent Current, Typically 0.5mA
• 1% Accurate Preset Voltage
• Up to 1A of Charging Current
• Integrated Pass Device
• Battery Temperature Monitoring
• Fast Trickle Charge Option
• Deep Discharge Cell Conditioning
• LED Charge Status Output or System Microcontroller Serial Interface
• Power-On Reset
• Lower Power Sleep Mode
• Status Outputs for LED or System Interface Indicates Charge and Fault Conditions
• Temperature Range: -20°C to +70°C
• 16-Pin QFN44 Package

Applications
• Cellular Telephones
• Digital Still Cameras
• Hand-Held PCs
• MP3 Players
• Personal Data Assistants (PDAs)




Similar Part No. - AAT3682

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3682 ANALOGICTECH-AAT3682 Datasheet
233Kb / 18P
Lithium-Ion/Polymer Linear Battery Charger
AAT3682 ANALOGICTECH-AAT3682 Datasheet
373Kb / 18P
Lithium-Ion/Polymer Linear Battery Charger
logo
Skyworks Solutions Inc.
AAT3682 SKYWORKS-AAT3682 Datasheet
1Mb / 18P
Li-Ion/Polymer Linear Battery Charger
AAT3682-4.2 SKYWORKS-AAT3682-4.2 Datasheet
1Mb / 18P
Li-Ion/Polymer Linear Battery Charger
logo
Advanced Analogic Techn...
AAT3682ISN-4.2-T1 ANALOGICTECH-AAT3682ISN-4.2-T1 Datasheet
233Kb / 18P
Lithium-Ion/Polymer Linear Battery Charger
More results


Similar Description - AAT3682

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3682 ANALOGICTECH-AAT3682 Datasheet
233Kb / 18P
Lithium-Ion/Polymer Linear Battery Charger
AAT3685 ANALOGICTECH-AAT3685 Datasheet
455Kb / 23P
Lithium-Ion/Polymer Battery Charger
AAT3687 ANALOGICTECH-AAT3687 Datasheet
551Kb / 22P
Lithium-Ion/Polymer Battery Charger
logo
Advanced Analog Technol...
AAT3685 AAT-AAT3685 Datasheet
678Kb / 23P
Lithium-Ion/Polymer Battery Charger
2006.10.1.3
AAT3687 AAT-AAT3687 Datasheet
628Kb / 22P
Lithium-Ion/Polymer Battery Charger
2006.10.1.7
logo
Advanced Analogic Techn...
AAT3682 ANALOGICTECH-AAT3682_06 Datasheet
373Kb / 18P
Lithium-Ion/Polymer Linear Battery Charger
AAT3685 ANALOGICTECH-AAT3685_08 Datasheet
388Kb / 21P
Lithium-Ion/Polymer Battery Charger
AAT3687 ANALOGICTECH-AAT3687_08 Datasheet
816Kb / 20P
Lithium-Ion/Polymer Battery Charger
logo
Dongguan Pingjingsemi T...
PJ4054B PJSEMI-PJ4054B Datasheet
3Mb / 6P
Linear Lithium-ion Battery Charger
PJ4057 PJSEMI-PJ4057 Datasheet
3Mb / 5P
Linear Lithium-ion Battery Charger
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com