Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3685 Datasheet (PDF) - Advanced Analog Technology, Inc.

AAT3685 Datasheet PDF - Advanced Analog Technology, Inc.
Part # AAT3685
Download  AAT3685 Download
File Size   678.74 Kbytes
Page   23 Pages
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.
Description Lithium-Ion/Polymer Battery Charger

AAT3685 Datasheet (PDF)

Go To PDF Page Download Datasheet
AAT3685 Datasheet PDF - Advanced Analog Technology, Inc.

Part # AAT3685
Download  AAT3685 Click to download

File Size   678.74 Kbytes
Page   23 Pages
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.
Description Lithium-Ion/Polymer Battery Charger

AAT3685 Datasheet (HTML) - Advanced Analog Technology, Inc.


AAT3685 Product details

General Description
The AAT3685 BatteryManager™ is a highly integrated single cell lithium-ion/polymer battery charger IC designed to operate with USB port or line adapter inputs. It requires the minimum number of external components.
The AAT3685 precisely regulates battery charge voltage and current for 4.2V lithium-ion/polymer battery cells. Regardless of the type of input power source (USB or adapter), the AAT3685 can be programmed for two separate constant current charge levels up to 1A. An optional Charge Reduction Loop is built in to allow users to charge the battery with available current from the charge supply, while keeping the port voltage regulated.

Features
• Adapter or USB Charger
    — Programmable up to 1A Max
• 4.0V to 5.5V Input Voltage Range
• High Level of Integration With Internal:
    — Charging Device
    — Reverse Blocking Diode
    — Current Sensing
• Automatic Recharge Sequencing
• Charge Reduction Loop
• Battery Temperature Monitoring
• Full Battery Charge Auto Turn-Off
• Over-Voltage Protection
• Emergency Thermal Protection
• Power On Reset and Soft Start
• Serial Interface Status Reporting
• 12-Pin 3x3mm TDFN Package

Applications
• Cellular Telephones
• Digital Still Cameras
• Hand-Held PCs
• MP3 Players
• Personal Data Assistants (PDAs)
• Other Lithium-Ion/Polymer Battery-Powered Devices




Similar Part No. - AAT3685

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3685 ANALOGICTECH-AAT3685 Datasheet
455Kb / 23P
Lithium-Ion/Polymer Battery Charger
AAT3685 ANALOGICTECH-AAT3685 Datasheet
388Kb / 21P
Lithium-Ion/Polymer Battery Charger
logo
Skyworks Solutions Inc.
AAT3685 SKYWORKS-AAT3685 Datasheet
1Mb / 21P
Li-Ion/Polymer Battery Charger
September 23, 2014
logo
Advanced Analogic Techn...
AAT3685-1 ANALOGICTECH-AAT3685-1 Datasheet
388Kb / 21P
Lithium-Ion/Polymer Battery Charger
AAT3685IWP-4.2-1-T1 ANALOGICTECH-AAT3685IWP-4.2-1-T1 Datasheet
388Kb / 21P
Lithium-Ion/Polymer Battery Charger
More results


Similar Description - AAT3685

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3682 ANALOGICTECH-AAT3682 Datasheet
233Kb / 18P
Lithium-Ion/Polymer Linear Battery Charger
AAT3685 ANALOGICTECH-AAT3685 Datasheet
455Kb / 23P
Lithium-Ion/Polymer Battery Charger
AAT3687 ANALOGICTECH-AAT3687 Datasheet
551Kb / 22P
Lithium-Ion/Polymer Battery Charger
logo
Advanced Analog Technol...
AAT3682 AAT-AAT3682 Datasheet
373Kb / 18P
Lithium-Ion/Polymer Linear Battery Charger
2006.12.1.3
AAT3687 AAT-AAT3687 Datasheet
628Kb / 22P
Lithium-Ion/Polymer Battery Charger
2006.10.1.7
logo
Advanced Analogic Techn...
AAT3697 ANALOGICTECH-AAT3697 Datasheet
1Mb / 22P
2A Lithium-Ion/Polymer Battery Charger
AAT3682 ANALOGICTECH-AAT3682_06 Datasheet
373Kb / 18P
Lithium-Ion/Polymer Linear Battery Charger
AAT3685 ANALOGICTECH-AAT3685_08 Datasheet
388Kb / 21P
Lithium-Ion/Polymer Battery Charger
AAT3697 ANALOGICTECH-AAT3697_08 Datasheet
748Kb / 19P
2A Lithium-Ion/Polymer Battery Charger
AAT3687 ANALOGICTECH-AAT3687_08 Datasheet
816Kb / 20P
Lithium-Ion/Polymer Battery Charger
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com