Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXD1701 Datasheet (PDF) - Zilog, Inc.

IXD1701 Datasheet PDF - Zilog, Inc.
Part # IXD1701
Download  IXD1701 Download
File Size   3441.54 Kbytes
Page   33 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description 28 V Input High Speed Voltage Regulator

IXD1701 Datasheet (PDF)

Go To PDF Page Download Datasheet
IXD1701 Datasheet PDF - Zilog, Inc.

Part # IXD1701
Download  IXD1701 Click to download

File Size   3441.54 Kbytes
Page   33 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description 28 V Input High Speed Voltage Regulator

IXD1701 Datasheet (HTML) - Zilog, Inc.




Similar Part No. - IXD1701

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
IXD1209 ZILOG-IXD1209 Datasheet
1Mb / 27P
High Speed LDO Regulator with ON/OFF Control
IXD1216 ZILOG-IXD1216 Datasheet
3Mb / 33P
28 V, 150 mA Voltage Regulator with Stand-by Mode
More results


Similar Description - IXD1701

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34676 FREESCALE-MC34676 Datasheet
1Mb / 27P
Dual 28 V Input Voltage Charger with Linear Regulator
logo
Vicor Corporation
MP028F036M12AL VICOR-MP028F036M12AL_1 Datasheet
1Mb / 14P
PRM Regulator 28 Vdc Input
MP028F036M12AL VICOR-MP028F036M12AL_12 Datasheet
1Mb / 14P
Regulator 28 Vdc Input
logo
Texas Instruments
TPS7A4201 TI1-TPS7A4201 Datasheet
740Kb / 19P
28-V Input Voltage, 50-mA Voltage Regulator
logo
Torex Semiconductor
XC6602 TOREX-XC6602 Datasheet
963Kb / 31P
1A, 0.5V Low Input Voltage, High Speed LDO Regulator
XC6603 TOREX-XC6603 Datasheet
927Kb / 29P
1A, 0.5V Low Input Voltage, High Speed LDO Regulator
logo
Texas Instruments
TPS7A4201_15 TI-TPS7A4201_15_15 Datasheet
932Kb / 22P
TPS7A4201 28-V Input Voltage, 50-mA Voltage Regulator
logo
RICOH electronics devic...
R1155 RICOH-R1155 Datasheet
563Kb / 26P
150 mA 24 V Input High Voltage Regulator
April 1, 2012
logo
ABLIC Inc.
S-1222B ABLIC-S-1222B Datasheet
1Mb / 65P
28 V INPUT, 200 mA VOLTAGE REGULATOR
Rev.2.1_00
logo
Nisshinbo Micro Devices...
R1155X NISSHINBO-R1155X Datasheet
1Mb / 30P
150 mA 24 V Input High Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com