Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXD1701 Datasheet(PDF) 3 Page - Zilog, Inc.

Part # IXD1701
Description  28 V Input High Speed Voltage Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

IXD1701 Datasheet(HTML) 3 Page - Zilog, Inc.

  IXD1701 Datasheet HTML 1Page - Zilog, Inc. IXD1701 Datasheet HTML 2Page - Zilog, Inc. IXD1701 Datasheet HTML 3Page - Zilog, Inc. IXD1701 Datasheet HTML 4Page - Zilog, Inc. IXD1701 Datasheet HTML 5Page - Zilog, Inc. IXD1701 Datasheet HTML 6Page - Zilog, Inc. IXD1701 Datasheet HTML 7Page - Zilog, Inc. IXD1701 Datasheet HTML 8Page - Zilog, Inc. IXD1701 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
Product Specification
IXD1701
PS034001-0515
PRELIMINARY
3
ELECTRICAL OPERATING CHARACTERISTICS
Ta = 25 0C
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
CIRCUIT
Input Voltage
VIN
2.0
28.0
V
Output Voltage
1)
VOUT(E)
VCE = VIN, IOUT = 10 mA
E-0
V
Maximum Output Current
IOUT_MAX
VCE = VIN = VOUT(T) + 3 V
VOUT(T) ≥ 3 V
150
mA
VOUT(T) < 3 V
100
Load Regulation
∆V
OUT
VCE = VIN, 1 mA ≤
IOUT ≤ 50 mA
1.8 V ≤ V
OUT(T) ≤ 5 V
50
90
mV
5.1 V ≤ V
OUT(T) ≤ 12.0 V
50
175
12.1 V ≤ V
OUT(T) ≤ 18.0 V
180
275
Dropout Voltage
2)
VDIF1
VCE = VIN, IOUT = 20 mA
E-1
4)
mV
VDIF2
VCE = VIN, IOUT = 100 mA
E-2
4)
Supply Current
ISS
1.8 V ≤ V
OUT(T) ≤ 5 V
11
50
105
µA
5.1 V ≤ V
OUT(T) ≤ 12.0 V
11
60
115
12.1 V ≤ V
OUT(T) ≤ 18.0 V
11
65
125
Standby Current
ISTB
VCE = 0 V
0.01
0.10
µA
Line Regulation
VOUT(T) + 2 V ≤ VIN ≤ 28 V,
VCE = VIN
IOUT = 5 mA
0.05
0.10
%/V
IOUT = 13 mA
0.15
0.30
Output Voltage Temperature
Characteristics
VCE = VIN, IOUT = 30 mA
- 40
0C ≤ T
OPR ≤ 85
0C
± 100
ppm/
0C
Power Supply Rejection Ratio
PSRR
VCE = VIN, IOUT = 20 mA, f = 1 kHz
VIN = (VOUT)T) + 2) VDC + 0.5 V p-pAC
50
dB
Short Circuit Current
ISHORT
VCE = VIN , VIN = VOUT)T) + 2 V
40
mA
Thermal Shutdown Detect
Temperature
TTSD
Junction Temperature
150
0C
Thermal Shutdown
Hystetresis
THYS
25
0C
CE “H” Level Voltage
5)
VCEH
1.1
VIN
V
CE “L” Level Voltage
5)
VCEL
0
0.35
V
CE “H” Level Current
5)
ICEH
VCE = VIN = 6.0 V
-0.1
0.1
µA
CE “L” Level Current
5)
ICEL
VIN = 6.0 V, VCE = VSS
-0.1
0.1
µA
NOTE:
Unless otherwise stated, VIN = VCE = VOUT (T) +2.0 V
1)
VOUT (T) is Nominal output voltage and VOUT (E) is Effective output voltage, (I.e. the output voltage when "VOUT (T) +1.0V" is provided at the
VIN pin, while maintaining a certain IOUT value).
2)
VDIF = {VIN-VOUT}, where VIN1 is the input voltage when VOUT = 0.98 VOUT(T) appears, while input voltage gradually decreases
3)
Refer to the Table
“Voltage Chart, Output Voltage”
4)
Refer to the Table “Voltage Chart, Dropout Voltage”
5)
IXD1701B version only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com