Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXD1701 Datasheet(PDF) 2 Page - Zilog, Inc.

Part # IXD1701
Description  28 V Input High Speed Voltage Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

IXD1701 Datasheet(HTML) 2 Page - Zilog, Inc.

  IXD1701 Datasheet HTML 1Page - Zilog, Inc. IXD1701 Datasheet HTML 2Page - Zilog, Inc. IXD1701 Datasheet HTML 3Page - Zilog, Inc. IXD1701 Datasheet HTML 4Page - Zilog, Inc. IXD1701 Datasheet HTML 5Page - Zilog, Inc. IXD1701 Datasheet HTML 6Page - Zilog, Inc. IXD1701 Datasheet HTML 7Page - Zilog, Inc. IXD1701 Datasheet HTML 8Page - Zilog, Inc. IXD1701 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
Product Specification
IXD1701
PS034001-0515
PRELIMINARY
2
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
– 0.3 ~ +30
V
Output Current
IOUT
300
1)
mA
Output Voltage
VOUT
– 0.3 ~ V
IN + 0.3 or +30
2)
V
CE Input Voltage (IXD1701B version only)
VCE
– 0.3 ~ +30
V
Power Dissipation
2)
SOT-25
PD
250
mW
600 (PCB mounted)
SOT-89
500
1000 (PCB mounted)
SOT-89-5
500
1300 (PCB mounted)
USP-6C
120
1000 (PCB mounted)
SOT223
300
1500 (PCB mounted)
TO-252
500
1800 (PCB mounted)
Operating Temperature Range
TOPR
– 40 ~ + 85
0C
Storage Temperature Range
TSTG
– 55 ~ +125
0C
All voltages are in respect to VSS
1)
IOUT ≤ Pd/ (VIN-VOUT)
2)
The lowest value between VIN + 0.3 and 30 V
3)
This is a reference data taken by using the test board. Please refer to page 25 to 30 for details



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com