Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXD1701 Datasheet(PDF) 22 Page - Zilog, Inc.

Part # IXD1701
Description  28 V Input High Speed Voltage Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

IXD1701 Datasheet(HTML) 22 Page - Zilog, Inc.

Back Button IXD1701 Datasheet HTML 18Page - Zilog, Inc. IXD1701 Datasheet HTML 19Page - Zilog, Inc. IXD1701 Datasheet HTML 20Page - Zilog, Inc. IXD1701 Datasheet HTML 21Page - Zilog, Inc. IXD1701 Datasheet HTML 22Page - Zilog, Inc. IXD1701 Datasheet HTML 23Page - Zilog, Inc. IXD1701 Datasheet HTML 24Page - Zilog, Inc. IXD1701 Datasheet HTML 25Page - Zilog, Inc. IXD1701 Datasheet HTML 26Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Product Specification
IXD1701
PS034001-0515
PRELIMINARY
22
ORDERING INFORMATION
IXD1701B- CE function
IXD1701D- No CE function (3-pin regulator)
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION

Output Voltage
18
– 99
For voltages from 1.8 V to 9.9 V, e.g. 2.5 V -  = 2,  = 5; 5.0 V -  = 5,  = 0
A0
– J0
For voltages from 10.0 V to 18.0 V, e.g. 11.6 V -  = B,  = 6; 18.0 V -  = J,  = 0
) Output Voltage Accuracy
2
Accuracy: ±2%
-
(*)
Packages
1)
(Order Limit)
MR
SOT-25 (3000/Reel)
MR-G
SOT-25 (3000/Reel)
PR
SOT-89, SOT-89-5 (1000/Reel)
PR-G
SOT-89, SOT-89-5 (1000/Reel)
ER
USP-6C (3000/Reel)
ER-G
USP-6C (3000/Reel)
FR
SOT-223 (1000/Reel)
FR-G
SOT-223 (1000/Reel)
JR
TO-252 (2500/reel)
JR-G
TO-252 (2500/reel)
NOTE:
The “-G” suffix denotes Halogen and Antimony free as well as being fully RoHS compliant.
1)
IXD1701B version is available in SOT-25, SOT-89-5, and USP-6C packages only; IXD1701D version is available in
SOT-89, SOT-223, and TO-252 packages only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com