Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXD1701 Datasheet(PDF) 1 Page - Zilog, Inc.

Part # IXD1701
Description  28 V Input High Speed Voltage Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

IXD1701 Datasheet(HTML) 1 Page - Zilog, Inc.

  IXD1701 Datasheet HTML 1Page - Zilog, Inc. IXD1701 Datasheet HTML 2Page - Zilog, Inc. IXD1701 Datasheet HTML 3Page - Zilog, Inc. IXD1701 Datasheet HTML 4Page - Zilog, Inc. IXD1701 Datasheet HTML 5Page - Zilog, Inc. IXD1701 Datasheet HTML 6Page - Zilog, Inc. IXD1701 Datasheet HTML 7Page - Zilog, Inc. IXD1701 Datasheet HTML 8Page - Zilog, Inc. IXD1701 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Product Specification
IXD1701
PS034001-0515
PRELIMINARY
1
28 V Input High Speed Voltage Regulator
FEATURES
Operating Voltage Range 2.0 V
– 28.0 V
Output Voltage Range from 1.8 V to 18.0 V with
0.1 V increments
Output Voltage Accuracy ± 2%
Temperature Stability ± 30 ppm/
0C
Low Power Consumption of 50
μA at VOUT = 5.0
V
Output Current up to 150 mA (200 mA limit)
Standby Current less than 0.1 µA typical
Power Supply Ripple Rejection 50 dB at 1 kHz
Current Limit and Short Circuit Protection
Low ESR Ceramic Capacitor compatible
ON/OFF switch,
Thermal shutdown
Operating Ambient Temperature - 40 + 85
0C
Packages : SOT-25, SOT- 89, SOT-89-5, and
USP-6C
EU RoHS Compliant, Pb Free
APPLICATIONS
Mobile phones
Car Audio and Navigation Systems
Cameras, VCRs
Various portable equipment
DESCRIPTION
The IXD1701 is positive voltage regulator with
operation voltage up to 28V, manufactured by CMOS
process.
The IC consists of a voltage reference, an error
amplifier, a current limiter, a thermal protection, a
phase compensation circuit, and a driver transistor.
The output voltage is selectable in 0.1 V increments
within the range from 1.8 V to 18 V. High precision
output
voltage
achieved
by
laser
trimming
technology.
The IXD1701 is stable with low ESR ceramic output
capacitor (CL). The over current protection circuit and
the
thermal
shutdown
are
built-in.
These
two
protection circuits operate when the output current
reaches current limit level or the junction temperature
reaches temperature limit.
The Chip Enable (CE) function allows set IXD1701
into standby mode, reducing current consumption to
less than 0.1 µA typically.
The IXD1701 is available in SOT-25, SOT-89, SOT-
89-5, USP-6C, SOT-223, and TO-252 packages.
TYPICAL APPLICATION CIRCUIT
TYPICAL PERFORMANCE CHARACTERISTIC
The IXD1701B with CE function
Load Transient Response (IXD1701B/D502)
VIN = 7.0 V, tR = tF = 5 µs, CIN = CL = 1 µF, IOUT = 0 mA  30 mA, Ta = 25
0C,
Time: 1 ms/div


Similar Part No. - IXD1701

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
IXD1209 ZILOG-IXD1209 Datasheet
1Mb / 27P
High Speed LDO Regulator with ON/OFF Control
IXD1216 ZILOG-IXD1216 Datasheet
3Mb / 33P
28 V, 150 mA Voltage Regulator with Stand-by Mode
More results

Similar Description - IXD1701

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34676 FREESCALE-MC34676 Datasheet
1Mb / 27P
Dual 28 V Input Voltage Charger with Linear Regulator
logo
Vicor Corporation
MP028F036M12AL VICOR-MP028F036M12AL_1 Datasheet
1Mb / 14P
PRM Regulator 28 Vdc Input
MP028F036M12AL VICOR-MP028F036M12AL_12 Datasheet
1Mb / 14P
Regulator 28 Vdc Input
logo
Texas Instruments
TPS7A4201 TI1-TPS7A4201 Datasheet
740Kb / 19P
28-V Input Voltage, 50-mA Voltage Regulator
logo
Torex Semiconductor
XC6602 TOREX-XC6602 Datasheet
963Kb / 31P
1A, 0.5V Low Input Voltage, High Speed LDO Regulator
XC6603 TOREX-XC6603 Datasheet
927Kb / 29P
1A, 0.5V Low Input Voltage, High Speed LDO Regulator
logo
Texas Instruments
TPS7A4201_15 TI-TPS7A4201_15_15 Datasheet
932Kb / 22P
TPS7A4201 28-V Input Voltage, 50-mA Voltage Regulator
logo
RICOH electronics devic...
R1155 RICOH-R1155 Datasheet
563Kb / 26P
150 mA 24 V Input High Voltage Regulator
April 1, 2012
logo
ABLIC Inc.
S-1222B ABLIC-S-1222B Datasheet
1Mb / 65P
28 V INPUT, 200 mA VOLTAGE REGULATOR
Rev.2.1_00
logo
Nisshinbo Micro Devices...
R1155X NISSHINBO-R1155X Datasheet
1Mb / 30P
150 mA 24 V Input High Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com