Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9522 Datasheet (PDF) - Renesas Technology Corp

X9522 Datasheet PDF - Renesas Technology Corp
Part # X9522
Download  X9522 Download
File Size   1077.92 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Laser Diode Control for Fiber Optic Modules Triple DCP, Dual Voltage Monitors

X9522 Datasheet (PDF)

Go To PDF Page Download Datasheet
X9522 Datasheet PDF - Renesas Technology Corp

Part # X9522
Download  X9522 Click to download

File Size   1077.92 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Laser Diode Control for Fiber Optic Modules Triple DCP, Dual Voltage Monitors

X9522 Datasheet (HTML) - Renesas Technology Corp


X9522 Product details

DESCRIPTION
The X9522 combines three Digitally Controlled Potentiometers (DCPs), and two programmable voltage monitor inputs with software and hardware indicators. All functions of the X9522 are accessed by an industry standard 2-Wire serial interface.
Two of the DCPs of the X9522 may be utilized to control the bias and modulation currents of the laser diode in a Fiber Optic module. The third DCP may be used to set other various reference quantities, or as a coarse trim for one of the other two DCPs.The programmable voltage monitors may be used for monitoring various module alarm levels.
The features of the X9522 are ideally suited to simplifying the design of fiber optic modules. The integration of these functions into one package significantly reduces board area, cost and increases reliability of laser diode modules.

FEATURES
• Three Digitally Controlled Potentiometers (DCPs)
   —64 Tap - 10k
   —100 Tap - 10k
   —256 Tap - 100k
   —Nonvolatile
   —Write Protect Function
• 2-Wire industry standard Serial Interface
• Dual Voltage Monitors
   —Programmable Threshold Voltages
• Single Supply Operation
   —2.7V to 5.5V
• Hot Pluggable
• 20 Pin package
   —TSSOP




Similar Part No. - X9522

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9522 INTERSIL-X9522 Datasheet
486Kb / 29P
Laser Diode Control for Fiber Optic Modules
March 10, 2005
X9522 INTERSIL-X9522 Datasheet
375Kb / 27P
Triple DCP, Dual Voltage Monitors
January 3, 2006
X9522B20I-A INTERSIL-X9522B20I-A Datasheet
486Kb / 29P
Laser Diode Control for Fiber Optic Modules
March 10, 2005
X9522B20I-B INTERSIL-X9522B20I-B Datasheet
486Kb / 29P
Laser Diode Control for Fiber Optic Modules
March 10, 2005
X9522V20I-A INTERSIL-X9522V20I-A Datasheet
486Kb / 29P
Laser Diode Control for Fiber Optic Modules
March 10, 2005
More results


Similar Description - X9522

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9521 INTERSIL-X9521 Datasheet
415Kb / 25P
Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
August 25, 2005
X9522 INTERSIL-X9522 Datasheet
486Kb / 29P
Laser Diode Control for Fiber Optic Modules
March 10, 2005
X9523 INTERSIL-X9523 Datasheet
509Kb / 30P
Laser Diode Control for Fiber Optic Modules
March 10, 2005
X9525 INTERSIL-X9525 Datasheet
578Kb / 26P
Fiber Channel/Gigabit Etherner Laser Diode Control for Fiber Optic Modules
March 10, 2005
X9522 INTERSIL-X9522_06 Datasheet
375Kb / 27P
Triple DCP, Dual Voltage Monitors
January 3, 2006
X9523 INTERSIL-X9523_06 Datasheet
401Kb / 28P
Laser Diode Control for Fiber Optic Modules
logo
Renesas Technology Corp
X9520 RENESAS-X9520 Datasheet
1Mb / 29P
Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
X9521 RENESAS-X9521 Datasheet
935Kb / 24P
Dual DCP, EEPROM Memory Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
X9523 RENESAS-X9523 Datasheet
1Mb / 29P
Laser Diode Control for Fiber Optic Modules Dual DCP, POR, Dual Voltage Monitors
X9525 RENESAS-X9525 Datasheet
1,013Kb / 26P
Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Dual DCP, EEPROM Memory
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com