Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9525 Datasheet (PDF) - Renesas Technology Corp

X9525 Datasheet PDF - Renesas Technology Corp
Part # X9525
Download  X9525 Download
File Size   1013.26 Kbytes
Page   26 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Dual DCP, EEPROM Memory

X9525 Datasheet (PDF)

Go To PDF Page Download Datasheet
X9525 Datasheet PDF - Renesas Technology Corp

Part # X9525
Download  X9525 Click to download

File Size   1013.26 Kbytes
Page   26 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Dual DCP, EEPROM Memory

X9525 Datasheet (HTML) - Renesas Technology Corp


X9525 Product details

DESCRIPTION
The X9525 combines two Digitally Controlled Potentiometers (DCP’s), and integrated EEPROM with Block Lock™ protection. All functions of the X9525 are accessed by an industry standard 2- Wire serial interface.
The DCP’s of the X9525 may be utilized to control the bias and modulation currents of the laser diode in a Fiber Optic module. The 2kbit integrated EEPROM may be used to store module definition data.

FEATURES
• Two Digitally Controlled Potentiometers (DCP’s)
   —100 Tap - 10k
   —256 Tap - 50k
   —Non-Volatile
   —Write Protect Function
• 2kbit EEPROM Memory with Write Protect & Block
   LockTM
• Device ID Addressability
• 2-Wire Industry Standard Serial Interface
   —Complies to the Gigabit Interface Converter
      (GBIC) specification
   —Addressable
• Single Supply Operation
   —2.7V to 5.5V
• Hot Pluggable
• Package
   —20 Pin TSSOP
• Pb-Free Plus Anneal Available (RoHS Compliant)




Similar Part No. - X9525

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9525 INTERSIL-X9525 Datasheet
578Kb / 26P
Fiber Channel/Gigabit Etherner Laser Diode Control for Fiber Optic Modules
March 10, 2005
X9525 INTERSIL-X9525 Datasheet
366Kb / 24P
Dual DCP, EEPROM Memory
January 3, 2006
X9525B20I INTERSIL-X9525B20I Datasheet
578Kb / 26P
Fiber Channel/Gigabit Etherner Laser Diode Control for Fiber Optic Modules
March 10, 2005
X9525V20I INTERSIL-X9525V20I Datasheet
578Kb / 26P
Fiber Channel/Gigabit Etherner Laser Diode Control for Fiber Optic Modules
March 10, 2005
X9525V20I INTERSIL-X9525V20I Datasheet
366Kb / 24P
Dual DCP, EEPROM Memory
January 3, 2006
More results


Similar Description - X9525

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9521 INTERSIL-X9521 Datasheet
415Kb / 25P
Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
August 25, 2005
X9522 INTERSIL-X9522 Datasheet
486Kb / 29P
Laser Diode Control for Fiber Optic Modules
March 10, 2005
X9523 INTERSIL-X9523 Datasheet
509Kb / 30P
Laser Diode Control for Fiber Optic Modules
March 10, 2005
X9525 INTERSIL-X9525 Datasheet
578Kb / 26P
Fiber Channel/Gigabit Etherner Laser Diode Control for Fiber Optic Modules
March 10, 2005
X9523 INTERSIL-X9523_06 Datasheet
401Kb / 28P
Laser Diode Control for Fiber Optic Modules
X9525 INTERSIL-X9525_06 Datasheet
366Kb / 24P
Dual DCP, EEPROM Memory
January 3, 2006
logo
Renesas Technology Corp
X9520 RENESAS-X9520 Datasheet
1Mb / 29P
Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
X9521 RENESAS-X9521 Datasheet
935Kb / 24P
Dual DCP, EEPROM Memory Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
X9522 RENESAS-X9522 Datasheet
1Mb / 29P
Laser Diode Control for Fiber Optic Modules Triple DCP, Dual Voltage Monitors
X9523 RENESAS-X9523 Datasheet
1Mb / 29P
Laser Diode Control for Fiber Optic Modules Dual DCP, POR, Dual Voltage Monitors
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com