Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9523 Datasheet (PDF) - Intersil Corporation

X9523 Datasheet PDF - Intersil Corporation
Part # X9523
Download  X9523 Download
File Size   509.37 Kbytes
Page   30 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Laser Diode Control for Fiber Optic Modules

X9523 Datasheet (PDF)

Go To PDF Page Download Datasheet
X9523 Datasheet PDF - Intersil Corporation

Part # X9523
Download  X9523 Click to download

File Size   509.37 Kbytes
Page   30 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Laser Diode Control for Fiber Optic Modules

X9523 Datasheet (HTML) - Intersil Corporation


X9523 Product details

DESCRIPTION
The X9523 combines two Digitally Controlled Potentiometers (DCPs), V1 / Vcc Power-on Reset (POR) circuitry, qnd two programmable voltage monitor inputs with software and hardware indicators. All functions of the X9523 are accessed by an industry standard 2-Wire serial interface.
The DCPs of the X9523 may be utilized to control the bias and modulation currents of the laser diode in a Fiber Optic module. The programmable POR circuit may be used to ensure that V1 / Vcc is stable before power is applied to the laser diode / module. The programmable voltage monitors may be used for monitoring various module alarm levels.

FEATURES
• Two Digitally Controlled Potentiometers (DCPs)
   —100 Tap - 10kΩ
   —256 Tap - 100kΩ
   —Nonvolatile
   —Write Protect Function
• 2-Wire Industry Standard Serial Interface
• Power-On Reset (POR) Circuitry
   —Programmable Threshold Voltage
   —Software Selectable reset timeout
   —Manual Reset
• Two Supplementary Voltage Monitors
   —Programmable Threshold Voltages
• Single Supply Operation
   —2.7V to 5.5V
• Hot Pluggable
• 20 Pin Package
   —TSSOP
• Pb-Free Plus Anneal Available (RoHS Compliant)




Similar Part No. - X9523

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9523 INTERSIL-X9523 Datasheet
401Kb / 28P
Laser Diode Control for Fiber Optic Modules
logo
Renesas Technology Corp
X9523 RENESAS-X9523 Datasheet
1Mb / 29P
Laser Diode Control for Fiber Optic Modules Dual DCP, POR, Dual Voltage Monitors
logo
Intersil Corporation
X9523V20I-A INTERSIL-X9523V20I-A Datasheet
401Kb / 28P
Laser Diode Control for Fiber Optic Modules
logo
Renesas Technology Corp
X9523V20I-A RENESAS-X9523V20I-A Datasheet
1Mb / 29P
Laser Diode Control for Fiber Optic Modules Dual DCP, POR, Dual Voltage Monitors
logo
Intersil Corporation
X9523V20I-B INTERSIL-X9523V20I-B Datasheet
401Kb / 28P
Laser Diode Control for Fiber Optic Modules
More results


Similar Description - X9523

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9521 INTERSIL-X9521 Datasheet
415Kb / 25P
Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
August 25, 2005
X9522 INTERSIL-X9522 Datasheet
486Kb / 29P
Laser Diode Control for Fiber Optic Modules
March 10, 2005
X9525 INTERSIL-X9525 Datasheet
578Kb / 26P
Fiber Channel/Gigabit Etherner Laser Diode Control for Fiber Optic Modules
March 10, 2005
X9523 INTERSIL-X9523_06 Datasheet
401Kb / 28P
Laser Diode Control for Fiber Optic Modules
logo
California Eastern Labs
NX7304BG CEL-NX7304BG Datasheet
96Kb / 4P
LASER DIODE IN COAXIAL PACKAGE FOR FIBER OPTIC COMMUNICATIONS
logo
Renesas Technology Corp
X9520 RENESAS-X9520 Datasheet
1Mb / 29P
Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
X9521 RENESAS-X9521 Datasheet
935Kb / 24P
Dual DCP, EEPROM Memory Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
X9522 RENESAS-X9522 Datasheet
1Mb / 29P
Laser Diode Control for Fiber Optic Modules Triple DCP, Dual Voltage Monitors
X9523 RENESAS-X9523 Datasheet
1Mb / 29P
Laser Diode Control for Fiber Optic Modules Dual DCP, POR, Dual Voltage Monitors
X9525 RENESAS-X9525 Datasheet
1,013Kb / 26P
Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Dual DCP, EEPROM Memory
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com