Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9523 Datasheet (PDF) - Renesas Technology Corp

X9523 Datasheet PDF - Renesas Technology Corp
Part # X9523
Download  X9523 Download
File Size   1078.23 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Laser Diode Control for Fiber Optic Modules Dual DCP, POR, Dual Voltage Monitors

X9523 Datasheet (PDF)

Go To PDF Page Download Datasheet
X9523 Datasheet PDF - Renesas Technology Corp

Part # X9523
Download  X9523 Click to download

File Size   1078.23 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Laser Diode Control for Fiber Optic Modules Dual DCP, POR, Dual Voltage Monitors

X9523 Datasheet (HTML) - Renesas Technology Corp


X9523 Product details

DESCRIPTION
The X9523 combines two Digitally Controlled Potentiometers (DCPs), V1 / Vcc Power-on Reset (POR) circuitry, qnd two programmable voltage monitor inputs with software and hardware indicators. All functions of the X9523 are accessed by an industry standard 2-Wire serial interface.
The DCPs of the X9523 may be utilized to control the bias and modulation currents of the laser diode in a Fiber Optic module. The programmable POR circuit may be used to ensure that V1 / Vcc is stable before power is applied to the laser diode / module. The programmable voltage monitors may be used for monitoring various module alarm levels.

FEATURES
• Two Digitally Controlled Potentiometers (DCPs)
   —100 Tap - 10k
   —256 Tap - 100k
   —Nonvolatile
   —Write Protect Function
• 2-Wire Industry Standard Serial Interface
• Power-On Reset (POR) Circuitry
   —Programmable Threshold Voltage
   —Software Selectable reset timeout
   —Manual Reset
• Two Supplementary Voltage Monitors
   —Programmable Threshold Voltages
• Single Supply Operation
   —2.7V to 5.5V
• Hot Pluggable
• 20 Pin Package
   —TSSOP
• Pb-Free Plus Anneal Available (RoHS Compliant)




Similar Part No. - X9523

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9523 INTERSIL-X9523 Datasheet
509Kb / 30P
Laser Diode Control for Fiber Optic Modules
March 10, 2005
X9523 INTERSIL-X9523 Datasheet
401Kb / 28P
Laser Diode Control for Fiber Optic Modules
X9523B20I-A INTERSIL-X9523B20I-A Datasheet
509Kb / 30P
Laser Diode Control for Fiber Optic Modules
March 10, 2005
X9523B20I-B INTERSIL-X9523B20I-B Datasheet
509Kb / 30P
Laser Diode Control for Fiber Optic Modules
March 10, 2005
X9523V20I-A INTERSIL-X9523V20I-A Datasheet
509Kb / 30P
Laser Diode Control for Fiber Optic Modules
March 10, 2005
More results


Similar Description - X9523

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9520 INTERSIL-X9520 Datasheet
561Kb / 33P
Triple DCP, POR,2kbit EEPROM Memory, Dual Voltage Monitors
March 8, 2005
X9522 INTERSIL-X9522 Datasheet
486Kb / 29P
Laser Diode Control for Fiber Optic Modules
March 10, 2005
X9523 INTERSIL-X9523 Datasheet
509Kb / 30P
Laser Diode Control for Fiber Optic Modules
March 10, 2005
X9520 INTERSIL-X9520_06 Datasheet
576Kb / 30P
Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
January 3, 2006
X9523 INTERSIL-X9523_06 Datasheet
401Kb / 28P
Laser Diode Control for Fiber Optic Modules
X9520 INTERSIL-X9520_07 Datasheet
465Kb / 29P
Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
August 20, 2007
logo
Renesas Technology Corp
X9520 RENESAS-X9520 Datasheet
1Mb / 29P
Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
X9521 RENESAS-X9521 Datasheet
935Kb / 24P
Dual DCP, EEPROM Memory Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
X9522 RENESAS-X9522 Datasheet
1Mb / 29P
Laser Diode Control for Fiber Optic Modules Triple DCP, Dual Voltage Monitors
X9525 RENESAS-X9525 Datasheet
1,013Kb / 26P
Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Dual DCP, EEPROM Memory
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com