Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL2106ALCF Datasheet (PDF) - Renesas Technology Corp

ZL2106ALCF Datasheet PDF - Renesas Technology Corp
Part # ZL2106ALCF
Download  ZL2106ALCF Download
File Size   1304.44 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6A Digital-DC Synchronous Step-Down DC/DC Converter

ZL2106ALCF Datasheet (PDF)

Go To PDF Page Download Datasheet
ZL2106ALCF Datasheet PDF - Renesas Technology Corp

Part # ZL2106ALCF
Download  ZL2106ALCF Click to download

File Size   1304.44 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6A Digital-DC Synchronous Step-Down DC/DC Converter

ZL2106ALCF Datasheet (HTML) - Renesas Technology Corp


ZL2106ALCF Product details

6A Digital-DC Synchronous Step-Down DC/DC Converter

The ZL2106 is a digital power conversion and management IC that combines an integrated synchronous step-down DC/DC converter with key power management functions in a small package, resulting in a flexible and integrated solution.

Features
• Integrated MOSFET switches
• 6A continuous output current
• ±1% output voltage accuracy
• Snapshot™ parametric capture
• I2C/SMBus interface, PMBus compatible
• Internal non-volatile memory (NVM)

Applications
• Telecom, Networking, Storage equipment
• Test and Measurement equipment
• Industrial control equipment
• 5V and 12V distributed power systems




Similar Part No. - ZL2106ALCF

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL2106ALCF INTERSIL-ZL2106ALCF Datasheet
936Kb / 29P
6A Digital-DC Synchronous Step-Down DC/DC Converter
February 20, 2013
ZL2106ALCF INTERSIL-ZL2106ALCF Datasheet
934Kb / 29P
6A Digital-DC Synchronous Step-Down DC/DC Converter
February 20, 2013
ZL2106ALCFT INTERSIL-ZL2106ALCFT Datasheet
934Kb / 29P
6A Digital-DC Synchronous Step-Down DC/DC Converter
February 20, 2013
ZL2106ALCFTK INTERSIL-ZL2106ALCFTK Datasheet
934Kb / 29P
6A Digital-DC Synchronous Step-Down DC/DC Converter
February 20, 2013
More results


Similar Description - ZL2106ALCF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3609 LINER-LTC3609 Datasheet
271Kb / 24P
32V, 6A Monolithic Synchronous Step-Down DC/DC Converter
logo
Intersil Corporation
ZL2106 INTERSIL-ZL2106 Datasheet
624Kb / 35P
6A Digital-DC Synchronous Step-Down DC-DC Converter
February 19, 2009
ZL2106 INTERSIL-ZL2106_10 Datasheet
571Kb / 29P
6A Digital-DC Synchronous Step-Down DC/DC Converter
February 11, 2010
ZL2106ALCF INTERSIL-ZL2106ALCF Datasheet
936Kb / 29P
6A Digital-DC Synchronous Step-Down DC/DC Converter
February 20, 2013
logo
Linear Technology
LTC3616 LINER-LTC3616_15 Datasheet
533Kb / 28P
6A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTC3609 LINER-LTC3609_15 Datasheet
424Kb / 26P
32V, 6A Monolithic Synchronous Step-Down DC/DC Converter
logo
Intersil Corporation
ZL2101ALAF INTERSIL-ZL2101ALAF Datasheet
725Kb / 27P
6A Digital Synchronous Step-Down DC/DC Converter with Auto Compensation
January 23, 2012
ZL2106ALCF INTERSIL-ZL2106ALCF Datasheet
934Kb / 29P
6A Digital-DC Synchronous Step-Down DC/DC Converter
February 20, 2013
ZL2101 INTERSIL-ZL2101 Datasheet
725Kb / 27P
6A Digital Synchronous Step-Down DC/DC Converter with Auto Compensation
January 23, 2012
logo
Renesas Technology Corp
ZL2101 RENESAS-ZL2101 Datasheet
1Mb / 27P
6A Digital Synchronous Step-Down DC/DC Converter with Auto Compensation
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com