Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL2106ALCF Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ZL2106ALCF
Description  6A Digital-DC Synchronous Step-Down DC/DC Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2106ALCF Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ZL2106ALCF Datasheet HTML 6Page - Renesas Technology Corp ZL2106ALCF Datasheet HTML 7Page - Renesas Technology Corp ZL2106ALCF Datasheet HTML 8Page - Renesas Technology Corp ZL2106ALCF Datasheet HTML 9Page - Renesas Technology Corp ZL2106ALCF Datasheet HTML 10Page - Renesas Technology Corp ZL2106ALCF Datasheet HTML 11Page - Renesas Technology Corp ZL2106ALCF Datasheet HTML 12Page - Renesas Technology Corp ZL2106ALCF Datasheet HTML 13Page - Renesas Technology Corp ZL2106ALCF Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
ZL2106
FN6852 Rev 6.00
Page 10 of 29
February 20, 2013
ZL2106 Overview
Digital-DC Architecture
The ZL2106 is an innovative mixed-signal power conversion and
power management IC based on Zilker Labs patented Digital-DC
technology that provides an integrated, high performance
step-down converter for point of load applications. The ZL2106
integrates all necessary PWM control circuitry as well as low
rDS(ON) synchronous power MOSFETs to provide an extremely
small solution for supplying load currents up to 6A.
Its unique PWM loop utilizes an ideal mix of analog and digital
blocks to enable precise control of the entire power conversion
process with no software required, resulting in a very flexible
device that is also very easy to use. An extensive set of power
management functions are fully integrated and can be
configured using simple pin connections. The user configuration
can be saved in an internal non-volatile memory (NVM).
Additionally, all functions can be configured and monitored via
the SMBus hardware interface using standard PMBus
commands, allowing ultimate flexibility.
Once enabled, the ZL2106 is immediately ready to regulate
power and perform power management tasks with no
programming required. Advanced configuration options and
real-time configuration changes are available via the I2C/SMBus
interface if desired and continuous monitoring of multiple
operating parameters is possible with minimal interaction from a
host controller. Integrated sub-regulation circuitry enables single
supply operation from any external supply between 4.5V and 14V
with no secondary bias supplies needed. The ZL2106 can also be
configured to operate from a 3.3V or 5V standby supply when the
main power rail is not present, allowing the user to configure
and/or read diagnostic information from the device when the
main power has been interrupted or is disabled.
The ZL2106 can be configured by simply connecting its pins
according to the tables provided in the following sections.
Additionally, a comprehensive set of application notes are
available to help simplify the design process. An evaluation
board is also available to help the user become familiar with the
device. This board can be evaluated as a standalone platform
using pin configuration settings. A Windows™-based GUI is also
provided to enable full configuration and monitoring capability
via the I2C/SMBus interface using an available computer and the
included USB cable.
Power Conversion Overview
The ZL2106 operates as a voltage-mode, synchronous buck
converter with a selectable constant frequency pulse width
modulator (PWM) control scheme. The ZL2106 integrates dual low
rDS(ON) synchronous MOSFETs to minimize the circuit footprint.
Figure 10 illustrates the basic synchronous buck converter
topology showing the primary power train components. This
converter is also called a step-down converter, as the output
voltage must always be lower than the input voltage.
VIN
VOUT
QH
QL
L1
COUT
ZL
CIN
CB
DB
PWM
LDO
FIGURE 10. SYNCHRONOUS BUCK CONVERTER
DIGITAL
COMPENSATOR
INPUT VOLTAGE BUS
VOUT
BST
DIGITAL
COMPENSATOR
D-PWM
+
-
VSEN
RESET
SYNC
PLL
POWER MANAGEMENT
TEMP
SENSOR
MUX
EN
VSET
PG
SA
CFG
SW
VDD
COMMUNICATION
REF
SYNC
GEN
VTRK
SCL
SDA
SALRT
>
>
ADC
ADC
ADC
FC
LDO
ISENSE
HS FET
DRIVER
SS
ISENSE
DDC
MGN
NVM
LS FET
DRIVER
DIGITAL
COMPENSATOR
INPUT VOLTAGE BUS
VOUT
BST
DIGITAL
COMPENSATOR
D-PWM
+
-
VSEN
RESET
SYNC
PLL
POWER MANAGEMENT
TEMP
SENSOR
MUX
EN
VSET
PG
SA
CFG
SW
VDD
COMMUNICATION
REF
SYNC
GEN
VTRK
SCL
SDA
SALRT
>
>
ADC
ADC
ADC
FC
LDO
ISENSE
HS FET
DRIVER
SS
ISENSE
DDC
MGN
NVM
LS FET
DRIVER
FIGURE 11. ZL2106 BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com