Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL2106ALCF Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ZL2106ALCF
Description  6A Digital-DC Synchronous Step-Down DC/DC Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2106ALCF Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ZL2106ALCF Datasheet HTML 17Page - Renesas Technology Corp ZL2106ALCF Datasheet HTML 18Page - Renesas Technology Corp ZL2106ALCF Datasheet HTML 19Page - Renesas Technology Corp ZL2106ALCF Datasheet HTML 20Page - Renesas Technology Corp ZL2106ALCF Datasheet HTML 21Page - Renesas Technology Corp ZL2106ALCF Datasheet HTML 22Page - Renesas Technology Corp ZL2106ALCF Datasheet HTML 23Page - Renesas Technology Corp ZL2106ALCF Datasheet HTML 24Page - Renesas Technology Corp ZL2106ALCF Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
ZL2106
FN6852 Rev 6.00
Page 21 of 29
February 20, 2013
for more information on configuring tracking mode using PMBus
commands.
Figure 23 is an example of a basic pin-strap tracking
configuration. The VTRK pin is an analog input that, when
tracking mode is enabled, the voltage applied to the VTRK pin
performs as a reference for the device's output voltage. The
ZL2106 offers two modes of tracking: coincident and ratiometric.
Figures 20 and 21 illustrate the output voltage waveform for the
two tracking modes.
1. Coincident. This mode configures the ZL2106 to ramp its
output voltage at the same rate as the voltage applied to the
VTRK pin. Two options are available for this mode;
a. Track at 100% VOUT limited. Member rail tracks the reference
rail and stops when the member reaches its target voltage,
Figure 20 (A).
b. Track at 100% VTRK limited. Member rail tracks the
reference at the instantaneous voltage value applied to the
VTRK pin, Figure 20 (B).
2. Ratiometric. This mode configures the ZL2106 to ramp its
output voltage as a percentage of the voltage applied to the
VTRK pin. The default setting is 50%, but an external resistor
may be used to configure a different tracking ratio.
a. Track at 50% VOUT limited. Member rail tracks the reference
rail and stops when the member reaches 50% of the target
voltage, Figure 21 (A).
b. Track at 50% VTRK limited. Member rail tracks the reference
at the instantaneous voltage value applied to the VTRK pin
until the member rail reaches 50% of the reference rail
voltage, or if the member is configured to less than 50% of the
reference the member will achieve its configured target,
Figure 21 (B).
Tracking Overview
When the ZL2106 is configured to the voltage tracking mode, the
voltage applied to the VTRK pin acts as a reference for the
member device(s) output regulation. The soft-start values
(Rise/Fall times) are used to calculate the loop gain used during
the turn-on/turn-off ramps, therefore the minimum rise/fall time
has been constrained to 5ms to ensure accuracy. Tracking
accuracy can be improved by increasing the rise and fall times
beyond 5ms.
Tracking Groups
In a tracking group, the device configured to the highest voltage
within the group is defined as the reference device. The device(s)
that track the reference are called the member device(s). The
reference device will control the ramp delay and ramp rate of all
tracking devices and is not placed in the tracking mode.
The reference device is configured to the highest output voltage
for the group and all other device(s) output voltages are meant to
track and never exceed the reference device output voltage.
The reference device must be configured to have a minimum
Time-On Delay and Time-On Rise as shown in Equation 13.
This delay allows the member device(s) to prepare their control
loops for tracking following the assertion of ENABLE.
The member device Time-Off Delay has been redefined to
describe the time that the VTRK pin will follow the reference
voltage after enable is de-asserted. The delay setting sets the
timeout for the member's output voltage to turnoff in the event
that the reference output voltage does not achieve zero volts.
The member device(s) must have a minimum Time-Off Delay of
as shown in Equation 14.
It is assumed for a tracking group, that all of the ENABLE pins are
connected together and driven by a single logic source or PMBus
Broadcast Enable is used.
The configuration settings for Figures 20 and 21 are shown
below in Figure 22. In each case the reference and member rise
times are set to the same value.
FIGURE 19. BASIC I2C TRACKING CONFIGURATION
ZL2106
VTRK
SW
SDA SCL
L3
VOUT_M
MEMBER
ZL2106
SW
SCL
SDA
L4
VOUT_R
REFERENCE
SDA
SCL
FIGURE 20. COINCIDENT TRACKING
 
Track @ 100% Vout Limited
Vref > Vmem
EN
0
EN
0
Ton Dly
Toff Dly
VRef
Vmem
Track @ 100% Vtrk Limited
Vref = Vmem
Ton Dly
Toff Dly
VRef
Vmem
Coincident Tracking
Vref=1.8V
Vmem=0.9V
Vref=1.8V
Vmem=1.8V
A.
B.
FIGURE 21. RATIOMETRIC TRACKING
 
0
EN
EN
0
Track @ 50% Vout Limited
Vref = 1.8V
Vmem = 0.9V
Toff Dly
Ton Dly
Vmem
VRef
Track @ 50% Vtrk Limited
Vref = 1.8V
Vmem = 0.8V
Ratiometric Tracking
Vref=1.8V
Vmem=0.9V
Ton Dly
Toff Dly
Vref
Vmem
Vref=1.8V
Vmem=0.8V
A.
B.
(EQ. 13)
tONDLY(REF)  tONDLY(MEM) + tONRISE(REF) + 5ms  tONDLY(MEM) + 10ms
(EQ. 14)
tOFFDLY(MEM)  tOFFDLY(REF) + tOFFFALL(REF) + 5ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com