Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL2106ALCF Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ZL2106ALCF
Description  6A Digital-DC Synchronous Step-Down DC/DC Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2106ALCF Datasheet(HTML) 3 Page - Renesas Technology Corp

  ZL2106ALCF Datasheet HTML 1Page - Renesas Technology Corp ZL2106ALCF Datasheet HTML 2Page - Renesas Technology Corp ZL2106ALCF Datasheet HTML 3Page - Renesas Technology Corp ZL2106ALCF Datasheet HTML 4Page - Renesas Technology Corp ZL2106ALCF Datasheet HTML 5Page - Renesas Technology Corp ZL2106ALCF Datasheet HTML 6Page - Renesas Technology Corp ZL2106ALCF Datasheet HTML 7Page - Renesas Technology Corp ZL2106ALCF Datasheet HTML 8Page - Renesas Technology Corp ZL2106ALCF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
ZL2106
FN6852 Rev 6.00
Page 3 of 29
February 20, 2013
Typical Application Circuit
The following application circuit represents a typical
implementation of the ZL2106. For PMBus operation, it is
recommended to tie the enable pin (EN) to SGND.
Block Diagram
VOUT
3.3V
VIN
12V
I2C/
SMBus††
DDC Bus
†
ENABLE
CB
47nF
C25
10µF
CDD
2.2µF
COUT
150µF
LOUT
2.2µH
CIN
100µF
VSET
SA
SCL
SDA
SALRT
FC
PG
SYNC
DGND
ZL2106
SW
SW
SW
SW
SW
PGND
VDDP
SW
BST
1
2
3
4
5
6
7
8
9
27
26
25
24
23
22
21
20
19
PGOOD
CRA
4.7µF
CR
4.7µF
F.B.
‡
Notes:
‡ Ferrite bead is optional for input noise suppression.
† The DDC bus pull-up resistance will vary based on the capacitive loading of the bus, including the number of devices
connected. The 10 k
 default value, assuming a maximum of 100 pF per device, provides the necessary 1 µs pull-up rise
time. Please refer to the Digital-DC Bus section for more details.
†† The I2C/SMBus pull-up resistance will vary based on the capacitive loading of the bus, including the number of devices
connected. Please refer to the I2C/SMBus specifications for more details.
FIGURE 2. 12V TO 3.3V/6A APPLICATION CIRCUIT (5ms SS DELAY, 5ms SS RAMP)
2.5V
LDO
PWM
Control
&
Drivers
BST
VSEN
VSET
VTRK
SS
PG
EN
CFG
SW
7V
LDO
SMBus
SA
NVM
Power
Mgmt
DDC Bus
DDC
VOUT
MGN
VIN
5V
LDO
FIGURE 3. BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com