Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SCR346P Datasheet (PDF) - Rohm

2SCR346P Datasheet PDF - Rohm
Part # 2SCR346P
Download  2SCR346P Download
File Size   1403.18 Kbytes
Page   7 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description NPN 100mA 400V Middle Power Transistor

2SCR346P Datasheet (PDF)

Go To PDF Page Download Datasheet
2SCR346P Datasheet PDF - Rohm

Part # 2SCR346P
Download  2SCR346P Click to download

File Size   1403.18 Kbytes
Page   7 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description NPN 100mA 400V Middle Power Transistor

2SCR346P Datasheet (HTML) - Rohm




Similar Part No. - 2SCR346P

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR372P ROHM-2SCR372P Datasheet
1Mb / 5P
Midium Power Transistors (120V / 700mA)
2SCR372P5 ROHM-2SCR372P5 Datasheet
1Mb / 9P
Middle Power Transistor(120V/700mA)
2SCR372PFRA ROHM-2SCR372PFRA Datasheet
972Kb / 9P
Middle Power Transistor(120V/0.7A)
20190527 - Rev.002
2SCR375P5 ROHM-2SCR375P5 Datasheet
1Mb / 9P
Middle Power Transistor(120V/1.5A)
2SCR375P5T100Q ROHM-2SCR375P5T100Q Datasheet
1Mb / 9P
Middle Power Transistor(120V/1.5A)
More results


Similar Description - 2SCR346P

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR572D ROHM-2SCR572D Datasheet
795Kb / 7P
NPN 5.0A 30V Middle Power Transistor
2SCR573D ROHM-2SCR573D Datasheet
800Kb / 7P
NPN 3.0A 50V Middle Power Transistor
2SAR340P ROHM-2SAR340P Datasheet
1Mb / 8P
PNP -100mA -400V Middle Power Transistor
2SAR340Q ROHM-2SAR340Q Datasheet
1Mb / 8P
PNP -100mA -400V Middle Power Transistor
2SCR542F3 ROHM-2SCR542F3 Datasheet
1Mb / 8P
NPN 3.0A 30V Middle Power Transistor
2SCR586D ROHM-2SCR586D Datasheet
1Mb / 9P
NPN 5.0A 80V Middle Power Transistor
2SCR567F3 ROHM-2SCR567F3 Datasheet
1Mb / 9P
NPN 2.5A 120V Middle Power Transistor
2SCR513RHZG ROHM-2SCR513RHZG Datasheet
1Mb / 9P
NPN 1.0A 50V Middle Power Transistor
20181211 - Rev.001
2SCR514RHZG ROHM-2SCR514RHZG Datasheet
1Mb / 9P
NPN 0.7A 80V Middle Power Transistor
20190314 - Rev.001
2SCR573DFHG ROHM-2SCR573DFHG Datasheet
1Mb / 8P
NPN 3.0A 50V Middle Power Transistor
20161012 - Rev.004
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com