Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF9 Datasheet (PDF) - Hirose Electric

DF9 Datasheet PDF - Hirose Electric
Part # DF9
Download  DF9 Download
File Size   193.75 Kbytes
Page   7 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description 1mm Pitch SMT Board-to-Board Connectors(Standard Interface Connector Compliant with VESA FPDI-1)

DF9 Datasheet (PDF)

Go To PDF Page Download Datasheet
DF9 Datasheet PDF - Hirose Electric

Part # DF9
Download  DF9 Click to download

File Size   193.75 Kbytes
Page   7 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description 1mm Pitch SMT Board-to-Board Connectors(Standard Interface Connector Compliant with VESA FPDI-1)

DF9 Datasheet (HTML) - Hirose Electric


DF9 Product details

■Features

1. Compliant with the VESA FPDI-1 Standard Interface Connector

   The 31 and 41 contact connectors comply with the standard connector specification for the flat panel display interface, which U.S VESA. has selected as FPDI-1.

   VESA: Video Electronics Standards Association

   FPDI-1: Flat Panel Display Interface

2. Perfect Mis-insertion Prevention

   The mating area is designed in a trapezoidal structure, and perfectly prevents the mis-insertion despite the miniature size.

3. Equipped with Easy Lock Mechanism

   The easy lock mechanism assures the firm insertion and extraction properties as well as the insertion/extraction feeling touch.

4. Smooth Insertion and Extraction Feeling

   The contact is constructed without the material fragible surface in the contact portion, and provides a smooth insertion and use feeling.

5. Setting Two Type Platings as Standard

   Two type platings, tin plated and gold plated, are prepared, and either appropriate plating can be selected under cost and use conditions.

  

■Applications

LCD (Liquid Crystal Display), Mobile phone, Note PC



 




Similar Part No. - DF9

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF9-11P-1V HIROSE-DF9-11P-1V Datasheet
275Kb / 8P
1mm Pitch SMT Board to Board Connector(Standard Interface Connector Compliant with VESA FPDI-1)
DF9-11S-1V HIROSE-DF9-11S-1V Datasheet
275Kb / 8P
1mm Pitch SMT Board to Board Connector(Standard Interface Connector Compliant with VESA FPDI-1)
DF9-11S-1V HIROSE-DF9-11S-1V Datasheet
239Kb / 8P
1mm Pitch SMT Board to Board Connector(Standard Interface Connector Compliant with VESA FPDI-1)
DF9-13P-1V HIROSE-DF9-13P-1V Datasheet
275Kb / 8P
1mm Pitch SMT Board to Board Connector(Standard Interface Connector Compliant with VESA FPDI-1)
DF9-13S-1V HIROSE-DF9-13S-1V Datasheet
275Kb / 8P
1mm Pitch SMT Board to Board Connector(Standard Interface Connector Compliant with VESA FPDI-1)
More results


Similar Description - DF9

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF9-9S-1V HIROSE-DF9-9S-1V Datasheet
275Kb / 8P
1mm Pitch SMT Board to Board Connector(Standard Interface Connector Compliant with VESA FPDI-1)
logo
Molex Electronics Ltd.
502430-2010 MOLEX-502430-2010 Datasheet
1Mb / 2P
SlimStack SMT Board-to-Board Connectors, with Ultra-Narrow
logo
Hirose Electric
FX15-31P-C HIROSE-FX15-31P-C Datasheet
1Mb / 24P
1mm Pitch Cable-to-Board Connectors supporting LVDS signal
logo
AVX Corporation
24-5046-030-600-829 AVX-24-5046-030-600-829 Datasheet
388Kb / 13P
Fine Pitch SMT Board to Board Connectors
logo
Hirose Electric
DF50S-50DS-1C HIROSE-DF50S-50DS-1C Datasheet
1Mb / 12P
1mm Pitch, Board to Cable Lock Connector
DF9-15S-1V32 HIROSE-DF9-15S-1V32 Datasheet
239Kb / 8P
1mm Pitch SMT Board to Board Connector(Standard Interface Connector Compliant with VESA FPDI-1)
logo
AVX Corporation
14-5602-030-000-829 AVX-14-5602-030-000-829 Datasheet
136Kb / 4P
Fine Pitch SMT Board to Board Connectors
logo
Hirose Electric
DF19 HIROSE-DF19 Datasheet
536Kb / 13P
1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
DF50 HIROSE-DF50 Datasheet
629Kb / 12P
1mm Pitch, Board to Wire Lock Connector
logo
AVX Corporation
5602 AVX-5602 Datasheet
136Kb / 4P
Fine Pitch SMT Board to Board Connectors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com