Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF9 Datasheet(PDF) 2 Page - Hirose Electric

Part # DF9
Description  1mm Pitch SMT Board-to-Board Connectors(Standard Interface Connector Compliant with VESA FPDI-1)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF9 Datasheet(HTML) 2 Page - Hirose Electric

  DF9 Datasheet HTML 1Page - Hirose Electric DF9 Datasheet HTML 2Page - Hirose Electric DF9 Datasheet HTML 3Page - Hirose Electric DF9 Datasheet HTML 4Page - Hirose Electric DF9 Datasheet HTML 5Page - Hirose Electric DF9 Datasheet HTML 6Page - Hirose Electric DF9 Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A136
DF9 Series
●1mm Pitch SMT Board-to-Board Connectors(Standard Interface Connector Compliant with VESA FPDI-1)
■Product Specifications
Rating
Current rating 0.5A
Operating Temperature Range
-45 to +125ç (Note 1) Storage Temperature Range -10 to +60ç (Note 2)
Voltage rating150V AC
Operating Humidity Range 40
to 80%
Storage Humidity Range 40
to 70%
Note 1 : Includes temperature rise caused by current flow.
Note 2 : The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature
Range and Humidity range covers non conducting condition of installed connectors in storage, shipment or during
transportation.
Note : The gold plated product contact area is plated with gold, and lead plated with tin.
■Material / Finish
Product
Part
Material
Finish
Remarks
Item
specification
Condition
1. Insulation Resistance
500M
Ω min.
100V DC
2. Withstanding voltage
No flashover or insulation breakdown.
250V AC/1 minute
3. Contact Resistance
50m
Ω max.
100mA
4. Vibration
No electrical discontinuity of 1μs or more
Frequency: 10 to 55Hz, single amplitude of 0.75mm, 2 hours in each of the 3 directions.
5.
Humidity (Steady state) Contact resistance: 50mΩ max. Insulation resistance: 500MΩ min. 96 hours at temperature of 40ç and humidity of 90% to 95%
6. Temperature Cycle
Contact resistance: 50m
Ω max. Insulation resistance: 500MΩ min. (-55ç: 30 minutes 5 to 35ç: 10 minutes 85ç: 30 minutes 5 to 35ç: 10 minutes) 5 cycles
7. Durability (Mating/un-mating) Contact resistance: 50m
Ω max:
Tin plating: 30 cycles
Gold plating: 100 cycles
8. Resistance to Soldering heat
No deformation of components affecting performance.
Reflow: At the recommended temperature profile
Manual soldering: 380ç for 3 seconds
Receptacle/Header
Insulator
Polyamide
Beige
UL94V-0
Contact
Phosphor copper
Tin plated or gold plated
–––––––
Metal fitting
Brass
Tin plating
–––––––
■ Product Number Structure
DF9
# - * S - 1 V (**)
q
e
wr
t yu
q Series Name : DF9
w Type
e Number of Contacts
9 to 25,31,41,51
r Connector Type
S : Receptacle
P : Header
t Contact Pitch
: 1mm
y Contact Type
V : Straight SMT
u Contact Surface Finish/Packaging Type
(22)(32) : Tin plated, embossed tape packaging
(1000pcs/reel)
(69) : Gold plated, embossed tape packaging
(1000pcs/reel)
●Receptacle/Header
Fitting Boss
Blank
KK
A
∞
K
B
K
∞
C
∞∞



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com