Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF9 Datasheet(PDF) 5 Page - Hirose Electric

Part # DF9
Description  1mm Pitch SMT Board-to-Board Connectors(Standard Interface Connector Compliant with VESA FPDI-1)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF9 Datasheet(HTML) 5 Page - Hirose Electric

  DF9 Datasheet HTML 1Page - Hirose Electric DF9 Datasheet HTML 2Page - Hirose Electric DF9 Datasheet HTML 3Page - Hirose Electric DF9 Datasheet HTML 4Page - Hirose Electric DF9 Datasheet HTML 5Page - Hirose Electric DF9 Datasheet HTML 6Page - Hirose Electric DF9 Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
RoHS
YES
YES
RoHS
A139
DF9 Series
●1mm Pitch SMT Board-to-Board Connectors(Standard Interface Connector Compliant with VESA FPDI-1)
Part No.
HRS No.
Unit: mm
DF9A-09P-1V
(**)
DF9A-11P-1V
(**)
DF9A-13P-1V
(**)
DF9A-15P-1V
(**)
DF9A-17P-1V
(**)
DF9A-19P-1V
(**)
DF9A-21P-1V
(**)
DF9A-23P-1V
(**)
DF9A-25P-1V
(**)
DF9A-31P-1V
(**)
DF9A-41P-1V
(**)
DF9A-51P-1V
(**)
540-0016-0
**
540-0017-3
**
540-0018-6
**
540-0019-9
**
540-0020-8
**
540-0021-0
**
540-0022-3
**
540-0023-6
**
540-0024-9
**
540-0025-1
**
540-0223-5
**
540-0026-4
**
09
11
13
15
17
19
21
23
25
31
41
51
08.3
09.3
10.3
11.3
12.3
13.3
14.3
15.3
16.3
19.3
24.3
29.3
03
04
05
06
07
08
09
10
11
14
19
24
04
05
06
07
08
09
10
11
12
15
20
25
07.1
08.1
09.1
10.1
11.1
12.1
13.1
14.1
15.1
18.1
23.1
28.1
_
_
_
_
_
_
_
_
_
_
_
_
K
K
K
K
K
K
K
_
K
K
K
_
_
_
K
K
K
_
K
_
K
K
_
K
Without metal
fitting
With boss
With pick and
place tape
No. of Contacts
A
B
C
D
E
Spec.
(22)
Spec.
(69)
Remarks
[Specific No.] _ **, (**)
(22) : Tin plated, embossed tape packaging
(69) : Gold plated, embossed tape packaging
[Specific No.] _ **, (**)
(32) : Tin plated, embossed tape packaging
(69) : Gold plated, embossed tape packaging
■Header
With boss
Without metal fitting
■Header
Without boss
With metal fitting
Note 1 : Please order the emboss packaging product per reel. (1000 pcs/reel)
Note 2 : _ are not available. Regarding blank, please contact Hirose sales representative.
Part No.
HRS No.
Unit: mm
DF9B-09P-1V
(**)
DF9B-11P-1V
(**)
DF9B-13P-1V
(**)
DF9B-15P-1V
(**)
DF9B-17P-1V
(**)
DF9B-19P-1V
(**)
DF9B-21P-1V
(**)
DF9B-23P-1V
(**)
DF9B-25P-1V
(**)
DF9B-31P-1V
(**)
DF9B-41P-1V
(**)
DF9B-51P-1V
(**)
540-0134-7
**
540-0135-0
**
540-0136-2
**
540-0137-5
**
540-0138-8
**
540-0248-6
**
540-0140-0
**
540-0141-2
**
540-0142-5
**
540-0144-0
**
540-0221-0
**
540-0146-6
**
09
11
13
15
17
19
21
23
25
31
41
51
08.3
09.3
10.3
11.3
12.3
13.3
14.3
15.3
16.3
19.3
24.3
29.3
03
04
05
06
07
08
09
10
11
14
19
24
04
05
06
07
08
09
10
11
12
15
20
25
_
_
_
_
_
_
_
_
_
_
_
_
10.1
11.1
12.1
13.1
14.1
15.1
16.1
17.1
18.1
21.1
26.1
31.1
K
K
K
K
K
K
K
K
K
K
K
_
K
K
_
K
K
K
K
_
_
K
K
K
With metal
fitting
Without boss
With pick and
place tape
No. of Contacts
A
B
C
D
E
Spec.
(32)
Spec.
(69)
Remarks
Note 1 : Please order the emboss packaging product per reel. (1000 pcs/reel)
Note 2 : _ are not available. Regarding blank, please contact Hirose sales representative.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com