Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF9 Datasheet(PDF) 4 Page - Hirose Electric

Part # DF9
Description  1mm Pitch SMT Board-to-Board Connectors(Standard Interface Connector Compliant with VESA FPDI-1)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF9 Datasheet(HTML) 4 Page - Hirose Electric

  DF9 Datasheet HTML 1Page - Hirose Electric DF9 Datasheet HTML 2Page - Hirose Electric DF9 Datasheet HTML 3Page - Hirose Electric DF9 Datasheet HTML 4Page - Hirose Electric DF9 Datasheet HTML 5Page - Hirose Electric DF9 Datasheet HTML 6Page - Hirose Electric DF9 Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RoHS
YES
RoHS
YES
A138
DF9 Series
●1mm Pitch SMT Board-to-Board Connectors(Standard Interface Connector Compliant with VESA FPDI-1)
[Specific No.] _ **, (**)
(32): Tin plated, tube packaging
(69): Gold plated, embossed tape packaging
[Specific No.] _ **, (**)
(32): Tin plated, tube packaging
(69): Gold plated, embossed tape packaging
■Header
With boss
With metal fitting
■Receptacle
Without boss
With metal fitting
Note 1 : Please order the embossed tape packaging product per reel. (1000 pcs/reel)
Note 2 : _ are not available. Regarding blank, please contact Hirose sales representative.
Part No.
HRS No.
Unit: mm
DF9B-09S-1V
(**)
DF9B-11S-1V
(**)
DF9B-13S-1V
(**)
DF9B-15S-1V
(**)
DF9B-17S-1V
(**)
DF9B-19S-1V
(**)
DF9B-21S-1V
(**)
DF9B-23S-1V
(**)
DF9B-25S-1V
(**)
DF9B-31S-1V
(**)
DF9B-41S-1V
(**)
DF9B-51S-1V
(**)
540-0125-6 **
540-0126-9 **
540-0127-1 **
540-0128-4 **
540-0129-7 **
540-0247-3 **
540-0131-9 **
540-0132-1 **
540-0133-4 **
540-0143-8 **
540-0216-0 **
540-0145-3 **
09
11
13
15
17
19
21
23
25
31
41
51
08.3
09.3
10.3
11.3
12.3
13.3
14.3
15.3
16.3
19.3
24.3
29.3
03
04
05
06
07
08
09
10
11
14
19
24
04
05
06
07
08
09
10
11
12
15
20
25
_
_
_
_
_
_
_
_
_
_
_
_
10.1
11.1
12.1
13.1
14.1
15.1
16.1
17.1
18.1
21.1
26.1
31.1
K
K
K
K
_
_
K
K
K
K
K
_
K
_
K
K
K
K
K
_
_
K
K
K
With metal
fitting
Without boss
With pick and
place tape
No. of Contacts
A
B
C
D
E
Spec.
(32)
Spec.
(69)
Remarks
Note 1 : Please order the emboss packaging product per reel. (1000 pcs/reel)
Note 2 : _ are not available. Regarding blank, please contact Hirose sales representative.
Part No.
HRS No.
Unit: mm
DF9-09P-1V
(**)
DF9-11P-1V
(**)
DF9-13P-1V
(**)
DF9-15P-1V
(**)
DF9-17P-1V
(**)
DF9-19P-1V
(**)
DF9-21P-1V
(**)
DF9-23P-1V
(**)
DF9-25P-1V
(**)
DF9-31P-1V
(**)
DF9-41P-1V
(**)
DF9-51P-1V
(**)
540-0066-9
**
540-0067-1
**
540-0068-4
**
540-0069-7
**
540-0070-6
**
540-0071-9
**
540-0072-1
**
540-0073-4
**
540-0074-7
**
540-0075-0
**
540-0214-4
**
540-0088-1
**
09
11
13
15
17
19
21
23
25
31
41
51
08.3
09.3
10.3
11.3
12.3
13.3
14.3
15.3
16.3
19.3
24.3
29.3
03
04
05
06
07
08
09
10
11
14
19
24
04
05
06
07
08
09
10
11
12
15
20
25
07.1
08.1
09.1
10.1
11.1
12.1
13.1
14.1
15.1
18.1
23.1
28.1
10.1
11.1
12.1
13.1
14.1
15.1
16.1
17.1
18.1
21.1
26.1
31.1
K
K
K
K
K
K
K
K
K
K
K
_
K
K
K
K
K
K
K
K
K
K
K
K
With metal
fitting
With boss
With pick and
place tape
No. of Contacts
A
B
C
D
E
Spec.
(32)
Spec.
(69)
Remarks



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com