Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVT442S Datasheet (PDF) - International Rectifier

PVT442S Datasheet PDF - International Rectifier
Part # PVT442S
Download  PVT442S Download
File Size   87.49 Kbytes
Page   5 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Microelectronic Power IC HEXFET Power MOSFET Relay Single Pole, Normally Closed 0-400V, 170mA AC/DC

PVT442S Datasheet (PDF)

Go To PDF Page Download Datasheet
PVT442S Datasheet PDF - International Rectifier

Part # PVT442S
Download  PVT442S Click to download

File Size   87.49 Kbytes
Page   5 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Microelectronic Power IC HEXFET Power MOSFET Relay Single Pole, Normally Closed 0-400V, 170mA AC/DC

PVT442S Datasheet (HTML) - International Rectifier


PVT442S Product details

General Description

PVT442 Photovoltaic Relay is a single-pole, normally closed solid-state relay that can replace electromechanical relays in many applications. It utilizes a HEXFET Power MOSFET as the output switch, driven by an integrated circuit photovoltaic generator of novel construction. The output switch is controlled by radiation from a GaAlAs light emitting diode (LED) which is optically isolated from the photovoltaic generator.



Features

■ HEXFET Power MOSFET output

■ Bounce-free operation

■ 4,000 VRMS I/O isolation

■ Linear AC/DC operation

■ Solid-State Reliability

■ BABT certified

■ ESD Tolerance:

   4000V Human Body Model

   500V Machine Model



Applications

■ On/Off Hook switch

■ Parallel telecom equipment setup

■ General switching



 




Similar Part No. - PVT442S

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
PVT4 E-SWITCH-PVT4 Datasheet
676Kb / 3P
PVT4 Series Anti-vandal Switch
6.5.2018
logo
International Rectifier
PVT412 IRF-PVT412 Datasheet
174Kb / 5P
Microelectronic Power IC Relay Single Pole, Normally Open, 0-400V, 140mA AC/DC
PVT412A IRF-PVT412A Datasheet
124Kb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-400V, 240mA AC / 360mA DC
PVT412APBF IRF-PVT412APBF Datasheet
1Mb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-400V, 240mA AC / 360mA DC
PVT412APBF IRF-PVT412APBF Datasheet
199Kb / 6P
Bounce-free operation
More results


Similar Description - PVT442S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVT322 IRF-PVT322 Datasheet
261Kb / 4P
Microelectronic Power IC Relay Dual Pole, Normally Open 0-250V, 170mA AC/DC
PVT322A IRF-PVT322A Datasheet
302Kb / 4P
Microelectronic Power IC Relay Dual Pole, Normally Open 0-250V, 170mA AC/DC
PVT412 IRF-PVT412 Datasheet
174Kb / 5P
Microelectronic Power IC Relay Single Pole, Normally Open, 0-400V, 140mA AC/DC
PVT422 IRF-PVT422 Datasheet
304Kb / 4P
Microelectronic Power IC Relay Dual Pole, Normally Open 0-400V, 120mA AC/DC
PVT422P IRF-PVT422P Datasheet
331Kb / 4P
Microelectronic Power IC Relay Dual Pole, Normally Open 0-400V, 120mA AC/DC
PVU414 IRF-PVU414 Datasheet
205Kb / 4P
Microelectronic Power IC Relay Single Pole, Normally Open 0-400V, 140mA AC/DC
PVA33N IRF-PVA33N Datasheet
78Kb / 6P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
PVA30N IRF-PVA30N Datasheet
68Kb / 6P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 50mA
PVY117 IRF-PVY117 Datasheet
102Kb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open, 0-40V AC/DC, 470mA
PVT412A IRF-PVT412A Datasheet
124Kb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-400V, 240mA AC / 360mA DC
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com