Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVT442S Datasheet(PDF) 3 Page - International Rectifier

Part # PVT442S
Description  Microelectronic Power IC HEXFET Power MOSFET Relay Single Pole, Normally Closed 0-400V, 170mA AC/DC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVT442S Datasheet(HTML) 3 Page - International Rectifier

  PVT442S Datasheet HTML 1Page - International Rectifier PVT442S Datasheet HTML 2Page - International Rectifier PVT442S Datasheet HTML 3Page - International Rectifier PVT442S Datasheet HTML 4Page - International Rectifier PVT442S Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PVT442
www.irf.com
3
4
4
OBSOLETE
Figure 4. Typical Normalized On-Resistance; “A” conn
Ambient Temperature (deg. C)
-50
-25
0
25
50
75
100
125
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
Figure 1. Current Derating Curve, “A” connection
Figure 5. Typical Normalized Off-State Leakage
Figure 3. Linearity Characteristics, “A” connection
Figure 6. Input Characteristics (Current Controlled)
Figure 2. Typical Output Capacitance
CA UT IO N: P ro vid e
c u rre n t l i m i ti n g s o th a t
25 m A m a x. s t e ady-s ta te
co n t ro l cu rre n t ra ti n g
i s no t exc e ed e d .
-300
-200
-100
0
100
200
300
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
40
60
80
100
120
140
160
180
0
102030
4050
Ambient Temperature (deg. C)
Vdd, Drain to Drain Voltage (V)
Voltage Drop (Vdd)
LED Forward Voltage Drop (Volts DC)
Ambient Temperature (deg. C)
200
180
160
140
120
100
80
60
40
20
0
0
10
20
30
40
50
60
70
80
90
100
20
16
12
8
4
0
100.0
10.0
1.0
0.1
0
0.5
1.0
1.5
2.0
-35
-15
5
25
45
65
85
105
125



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com