Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVT442S Datasheet(PDF) 4 Page - International Rectifier

Part # PVT442S
Description  Microelectronic Power IC HEXFET Power MOSFET Relay Single Pole, Normally Closed 0-400V, 170mA AC/DC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVT442S Datasheet(HTML) 4 Page - International Rectifier

  PVT442S Datasheet HTML 1Page - International Rectifier PVT442S Datasheet HTML 2Page - International Rectifier PVT442S Datasheet HTML 3Page - International Rectifier PVT442S Datasheet HTML 4Page - International Rectifier PVT442S Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PVT442
4
www.irf.com
OBSOLETE
Figure 7. Typical Delay Times
Figure 8. Delay Time Definitions
LED Current (mA)
T ON
T OFF
0
5
10
15
20
10.0
1.0
0.1
ID
10%
Toff
Ton
90%
ILED
01-2008 01
Case Outline



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com