Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVT442S Datasheet(PDF) 1 Page - International Rectifier

Part # PVT442S
Description  Microelectronic Power IC HEXFET Power MOSFET Relay Single Pole, Normally Closed 0-400V, 170mA AC/DC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVT442S Datasheet(HTML) 1 Page - International Rectifier

  PVT442S Datasheet HTML 1Page - International Rectifier PVT442S Datasheet HTML 2Page - International Rectifier PVT442S Datasheet HTML 3Page - International Rectifier PVT442S Datasheet HTML 4Page - International Rectifier PVT442S Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
OBSOLETE
General Description
PVT442 Photovoltaic Relay is a single-pole,
normally closed solid-state relay that can
replace electromechanical relays in many
applications. It utilizes a HEXFET Power
MOSFET as the output switch, driven by an
integrated circuit photovoltaic generator of
novel construction. The output switch is
controlled by radiation from a GaAlAs light
emitting diode (LED) which is optically isolated
from the photovoltaic generator.
PVT442 is ideally suited for worldwide telecom
applications: On/Off Hook switch, Parallel
telecom equipment setup, and general
switching.
PVT442 Relays are packaged in a 6-pin,
molded DIP package with either thru-hole or
“gull-wing” surface mount terminals. It is
available in standard plastic shipping tubes or
on Tape-and-Reel. Refer to Part Identification
information.
Applications
§
On/Off Hook switch
§
Parallel telecom equipment setup
§
General switching
Part Identification
PVT442
thru-hole
PVT442S
SMT
PVT442S-T
SMT, tape and reel
(HEXFET® is a trademark of International Rectifier)
Data Sheet No. PD10047B
PVT442
Microelectronic Power IC
HEXFET® Power MOSFET Relay
Single Pole, Normally Closed
0-400V, 170mA AC/DC
Features
§
HEXFET Power MOSFET output
§
Bounce-free operation
§
4,000 V
RMS I/O isolation
§
Linear AC/DC operation
§
Solid-State Reliability
§
BABT certified
§
ESD Tolerance:
4000V Human Body Model
500V Machine Model


Similar Part No. - PVT442S

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
PVT4 E-SWITCH-PVT4 Datasheet
676Kb / 3P
PVT4 Series Anti-vandal Switch
6.5.2018
logo
International Rectifier
PVT412 IRF-PVT412 Datasheet
174Kb / 5P
Microelectronic Power IC Relay Single Pole, Normally Open, 0-400V, 140mA AC/DC
PVT412A IRF-PVT412A Datasheet
124Kb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-400V, 240mA AC / 360mA DC
PVT412APBF IRF-PVT412APBF Datasheet
1Mb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-400V, 240mA AC / 360mA DC
PVT412APBF IRF-PVT412APBF Datasheet
199Kb / 6P
Bounce-free operation
More results

Similar Description - PVT442S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVT322 IRF-PVT322 Datasheet
261Kb / 4P
Microelectronic Power IC Relay Dual Pole, Normally Open 0-250V, 170mA AC/DC
PVT322A IRF-PVT322A Datasheet
302Kb / 4P
Microelectronic Power IC Relay Dual Pole, Normally Open 0-250V, 170mA AC/DC
PVT412 IRF-PVT412 Datasheet
174Kb / 5P
Microelectronic Power IC Relay Single Pole, Normally Open, 0-400V, 140mA AC/DC
PVT422 IRF-PVT422 Datasheet
304Kb / 4P
Microelectronic Power IC Relay Dual Pole, Normally Open 0-400V, 120mA AC/DC
PVT422P IRF-PVT422P Datasheet
331Kb / 4P
Microelectronic Power IC Relay Dual Pole, Normally Open 0-400V, 120mA AC/DC
PVU414 IRF-PVU414 Datasheet
205Kb / 4P
Microelectronic Power IC Relay Single Pole, Normally Open 0-400V, 140mA AC/DC
PVA33N IRF-PVA33N Datasheet
78Kb / 6P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
PVA30N IRF-PVA30N Datasheet
68Kb / 6P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 50mA
PVY117 IRF-PVY117 Datasheet
102Kb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open, 0-40V AC/DC, 470mA
PVT412A IRF-PVT412A Datasheet
124Kb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-400V, 240mA AC / 360mA DC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com