Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFG540 Datasheet (PDF) - Inchange Semiconductor Company Limited

BFG540 Datasheet PDF - Inchange Semiconductor Company Limited
Part # BFG540
Download  BFG540 Download
File Size   360.44 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN RF Transistor

BFG540 Datasheet (PDF)

Go To PDF Page Download Datasheet
BFG540 Datasheet PDF - Inchange Semiconductor Company Limited

Part # BFG540
Download  BFG540 Click to download

File Size   360.44 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN RF Transistor

BFG540 Datasheet (HTML) - Inchange Semiconductor Company Limited


BFG540 Product details

DESCRIPTION
• Low Noise Figure
   NF = 1.3 dB TYP. @VCE = 8 V, IC = 10 mA, f = 900 MHz
• High Gain
   ︱ S21︱ 2 =16dB TYP. @VCE= 8 V,IC = 40 mA,f = 900 MHz
• Minimum Lot-to-Lot variations for robust device
   performance and reliable operation

APPLICATIONS
• Designed for use in low noise ,high-gain amplifiers and
   linear broadband amplifiers.




Similar Part No. - BFG540

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG540 PHILIPS-BFG540 Datasheet
132Kb / 16P
NPN 9 GHz wideband transistor
2000 May 23
BFG540 NXP-BFG540 Datasheet
312Kb / 14P
NPN 9 GHz wideband transistor
Rev. 05-21 November 2007
BFG540 NXP-BFG540 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
Inchange Semiconductor ...
BFG540 ISC-BFG540 Datasheet
343Kb / 3P
isc Silicon NPN RF Transistor
logo
Guangdong Kexin Industr...
BFG540 KEXIN-BFG540 Datasheet
786Kb / 8P
NPN 9GHz Wideband Transistor
More results


Similar Description - BFG540

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC4260 ISC-2SC4260 Datasheet
152Kb / 6P
isc Silicon NPN RF Transistor
2SC4261 ISC-2SC4261 Datasheet
213Kb / 6P
isc Silicon NPN RF Transistor
BFS520 ISC-BFS520 Datasheet
195Kb / 7P
isc Silicon NPN RF Transistor
MMBR911L ISC-MMBR911L Datasheet
179Kb / 5P
isc Silicon NPN RF Transistor
MMBR941L ISC-MMBR941L Datasheet
260Kb / 9P
isc Silicon NPN RF Transistor
MMBR951L ISC-MMBR951L Datasheet
178Kb / 8P
isc Silicon NPN RF Transistor
BFG425W ISC-BFG425W Datasheet
292Kb / 2P
isc Silicon NPN RF Transistor
ISC1862 ISC-ISC1862 Datasheet
302Kb / 2P
isc Silicon NPN RF Transistor
PRF957 ISC-PRF957 Datasheet
306Kb / 2P
isc Silicon NPN RF Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com