Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA2448A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TA2448A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TA2448A
Download  TA2448A Download
File Size   856.19 Kbytes
Page   8 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 1189MHz BW50MHz SMD 1.1x0.9mm

TA2448A Datasheet (PDF)

Go To PDF Page Download Datasheet
TA2448A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA2448A
Download  TA2448A Click to download

File Size   856.19 Kbytes
Page   8 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 1189MHz BW50MHz SMD 1.1x0.9mm

TA2448A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.




Similar Part No. - TA2448A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA2448B TAI-SAW-TA2448B Datasheet
888Kb / 8P
SAW Filter 1189 MHz SMD 1.1X0.9 mm (BW=50MHz)
More results


Similar Description - TA2448A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA2379A TAI-SAW-TA2379A Datasheet
763Kb / 9P
SAW Filter 2332.5MHz BW25MHz SMD 1.1x0.9mm
TA2393A TAI-SAW-TA2393A Datasheet
737Kb / 8P
SAW Filter 2332.5MHz BW25MHz SMD 1.1x0.9mm
TA2471A TAI-SAW-TA2471A Datasheet
831Kb / 8P
SAW Filter 1176.5MHz BW25MHz SMD 1.1x0.9mm
TA2104BTCA TAI-SAW-TA2104BTCA Datasheet
699Kb / 7P
SAW Filter 2441.75MHz (BW 83.5MHz) SMD 1.1X0.9mm
TA2104C TAI-SAW-TA2104C Datasheet
437Kb / 8P
SAW Filter 2441.75MHz (BW 83.5MHz) SMD 1.1X0.9mm
TA2104D TAI-SAW-TA2104D Datasheet
692Kb / 7P
SAW Filter 2441.75MHz (BW 83.5MHz) SMD 1.1X0.9mm
TA2104DTCA TAI-SAW-TA2104DTCA Datasheet
700Kb / 7P
SAW Filter 2441.75MHz (BW 83.5MHz) SMD 1.1X0.9mm
TA2537A TAI-SAW-TA2537A Datasheet
692Kb / 7P
SAW Filter 2441.75MHz (BW 83.5MHz) SMD 1.1X0.9mm
TA2571A TAI-SAW-TA2571A Datasheet
480Kb / 7P
SAW Filter 806 MHz (BW 30MHz) SMD 1.1X0.9mm
TA2545ATCA TAI-SAW-TA2545ATCA Datasheet
714Kb / 7P
SAW Filter 2441.75MHz (BW 83.5MHz) SMD 1.1X0.9mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com