Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA2448A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA2448A
Description  SAW Filter 1189MHz BW50MHz SMD 1.1x0.9mm
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA2448A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA2448A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA2448A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA2448A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA2448A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA2448A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA2448A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA2448A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA2448A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 1189MHz BW50MHz SMD 1.1x0.9mm
MODEL NO.:TA2448A
REV. NO.:1.0
A. MAXIMUM RATING:
1. Input Power Level: 13 dBm (2000h)
2. DC Voltage : 3 V
3. Operating Temperature: -20°C to +85°C
4. Storage Temperature: -40°C to +85°C
Electrostatic Sensitive Device (ESD)
5. ESD Machine Mode : 50V
6. ESD Human Body Mode : 100V
7. Moisture Sensitive Level (MSL): Level 2a
B. ELECTRICAL CHARACTERISTICS:
Temperature range for specification :
Tspec = -20°C to +85°C
Terminating source impedance
:
Zs = 50
Terminating load impedance
:
ZL = 50
Item
Unit
Min.
Typ.
Max.
Center Frequency
Fc
MHz
-
1189
-
Insertion Loss (1164~1189 MHz)
IL
dB
-
1.5
2.3
Insertion Loss (1189~1214 MHz)
IL
dB
-
1.8
2.3
Amplitude Ripple (1164~1189 MHz)
dBp-p
-
0.3
1.3
Amplitude Ripple (1189~1214 MHz)
dBp-p
-
0.5
1.4
VSWR (1164~1214 MHz)
-
1.8
2.1
Group Delay Deviation (1189~1214 MHz)
ns
-
9
15
Attenuation (refer to 0 dB)
100 ~ 814
MHz
dB
35
39
-
814 ~ 849
MHz
dB
33
39
-
849 ~ 980
MHz
dB
30
37
-
980 ~ 1010
MHz
dB
35
38
-
1010 ~ 1100
MHz
dB
33
36
-
1100 ~ 1130
MHz
dB
20
30
-
1250 ~ 1427
MHz
dB
25
32
-
1427 ~ 1463
MHz
dB
33
36
-
1710 ~ 2025
MHz
dB
33
38
-
RoHS Compliant
Lead free
Lead-free soldering



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com