Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA2448A Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA2448A
Description  SAW Filter 1189MHz BW50MHz SMD 1.1x0.9mm
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA2448A Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA2448A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA2448A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA2448A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA2448A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA2448A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA2448A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA2448A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA2448A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
3
TST DCC
Release document
2300 ~ 2690
MHz
dB
28
32
-
2690 ~ 3000
MHz
dB
25
30
-
3000 ~ 6000
MHz
dB
20
23
-
Temperature Coefficient
ppm/K
-
-36
-
C.OUTLINE DRAWING:
□
□
□
□ : Year/Month Code (Follow the table)
YEAR/Month
1
2
3
4
5
6
7
8
9
10
11
12
2013
A
B
C
D
E
F
G
H
J
K
L
M
2014
N
P
Q
R
S
T
U
V
W
X
Y
Z
2015
a
b
c
d
e
f
g
h
j
k
l
m
2016
n
p
q
r
s
t
u
v
w
x
y
z
2017
A
B
C
D
E
F
G
H
J
K
L
M
2018
N
P
Q
R
S
T
U
V
W
X
Y
Z
2019
a
b
c
d
e
f
g
h
j
k
l
m
2020
n
p
q
r
s
t
u
v
w
x
y
z
1 : Input
4 : Output
2, 3, 5 : Ground
□
n
-



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com