Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA2448A Datasheet(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA2448A
Description  SAW Filter 1189MHz BW50MHz SMD 1.1x0.9mm
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA2448A Datasheet(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA2448A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA2448A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA2448A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA2448A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA2448A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA2448A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA2448A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA2448A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-02
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Product Specifications Approval Sheet
Product Name: SAW Filter 1189 MHz SMD 1.1X0.9 mm (BW=50MHz)
TST Parts No.: TA2448A
Customer Parts No.:
Company:
Division:
Approved by :
Date:
Checked by:
Bob Chau
Approval by:
Andy Yu
Date:
9, 27, 2018
1.
Customer signed back is required before TST can proceed with sample build and receive orders.
2.
Orders received without customer signed back will be regarded as agreement on the specifications.
3.
Any specifications changes must be approved upon by both parties and a new revision of specifications
shall be released to reflect the changes


Similar Part No. - TA2448A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA2448B TAI-SAW-TA2448B Datasheet
888Kb / 8P
SAW Filter 1189 MHz SMD 1.1X0.9 mm (BW=50MHz)
More results

Similar Description - TA2448A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA2379A TAI-SAW-TA2379A Datasheet
763Kb / 9P
SAW Filter 2332.5MHz BW25MHz SMD 1.1x0.9mm
TA2393A TAI-SAW-TA2393A Datasheet
737Kb / 8P
SAW Filter 2332.5MHz BW25MHz SMD 1.1x0.9mm
TA2471A TAI-SAW-TA2471A Datasheet
831Kb / 8P
SAW Filter 1176.5MHz BW25MHz SMD 1.1x0.9mm
TA2104BTCA TAI-SAW-TA2104BTCA Datasheet
699Kb / 7P
SAW Filter 2441.75MHz (BW 83.5MHz) SMD 1.1X0.9mm
TA2104C TAI-SAW-TA2104C Datasheet
437Kb / 8P
SAW Filter 2441.75MHz (BW 83.5MHz) SMD 1.1X0.9mm
TA2104D TAI-SAW-TA2104D Datasheet
692Kb / 7P
SAW Filter 2441.75MHz (BW 83.5MHz) SMD 1.1X0.9mm
TA2104DTCA TAI-SAW-TA2104DTCA Datasheet
700Kb / 7P
SAW Filter 2441.75MHz (BW 83.5MHz) SMD 1.1X0.9mm
TA2537A TAI-SAW-TA2537A Datasheet
692Kb / 7P
SAW Filter 2441.75MHz (BW 83.5MHz) SMD 1.1X0.9mm
TA2571A TAI-SAW-TA2571A Datasheet
480Kb / 7P
SAW Filter 806 MHz (BW 30MHz) SMD 1.1X0.9mm
TA2545ATCA TAI-SAW-TA2545ATCA Datasheet
714Kb / 7P
SAW Filter 2441.75MHz (BW 83.5MHz) SMD 1.1X0.9mm
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com