Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM534052E Datasheet (PDF) - OKI electronic componets

MSM534052E Datasheet PDF - OKI electronic componets
Part # MSM534052E
Download  MSM534052E Download
File Size   77.7 Kbytes
Page   8 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 262,144-Words x 16-bit or 524,288-Bytes x 8-bit MaskROM 8Words x 16-Bit or 16Bytes x 8-Bit/Page Mode MASKROM

MSM534052E Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM534052E Datasheet PDF - OKI electronic componets

Part # MSM534052E
Download  MSM534052E Click to download

File Size   77.7 Kbytes
Page   8 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 262,144-Words x 16-bit or 524,288-Bytes x 8-bit MaskROM 8Words x 16-Bit or 16Bytes x 8-Bit/Page Mode MASKROM

MSM534052E Datasheet (HTML) - OKI electronic componets


MSM534052E Product details

DESCRIPTION
The OKI MSM534052E is a 262,144-words x 16-bit or 1,048,576-Bytes x 8-bit CMOS Mask ROM with an asynchronous page read mode. Each page is organized 8 words x 16-bit or 16 words x 8-bit. It operates on a single 5.0V power supply and is TTL compatible. The chips asynchronous I/O requires no external clock assuring easy operation. A power-down mode provides low power dissipation when the chip is not selected. The CE and OE pins are provided as control signals that permit three-stated output allowing easy memory expansion on a system bus.The MSM534052E is suited for use as large capacity fixed memory for microcomputers and data terminals.

FEATURES
● Single 5.0V power supply
● 262,144-words x 16-bit / 524,288-Bytes x 8-bit
● 8-words(A2,A1,A0) or 16-Bytes(A2,A1,A0,A-1) / Page
● Access time
    80ns Max (Normal access)
    50ns Max (Page access)
● Input/Output TTL compatible
● Tri-State output configurations
● Internal powerdown function
● Packages:
    40-PIN PLASTIC DIP (DIP40-P-600-2.54) (MSM534052E-xxRS)
    40-PIN PLASTIC SOP (SOP40-P-525-1.27-K) (MSM534052E-xxGS-AK)
    44-PIN PLASTIC TSOP (TSOPII44-P-400-0.80-K) (MSM534052E-xxTS-AK)




Similar Part No. - MSM534052E

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM534001E OKI-MSM534001E Datasheet
66Kb / 8P
524,288-Word x 8-Bit MASKROM
MSM534002E OKI-MSM534002E Datasheet
70Kb / 8P
262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM
MSM534022E OKI-MSM534022E Datasheet
70Kb / 8P
262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM
MSM534031E OKI-MSM534031E Datasheet
71Kb / 9P
524,288-Word x 8-Bit MASKROM
MSM534032E OKI-MSM534032E Datasheet
74Kb / 9P
262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM
More results


Similar Description - MSM534052E

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM534002E OKI-MSM534002E Datasheet
70Kb / 8P
262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM
MSM534022E OKI-MSM534022E Datasheet
70Kb / 8P
262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM
MSM534032E OKI-MSM534032E Datasheet
74Kb / 9P
262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM
MSM53V1655F OKI-MSM53V1655F Datasheet
103Kb / 8P
524,288-Double Words x 32-bit or 1,048,576-Words x 16-bit MaskROM 4Double Words x 32-Bit or 8Words x 16-Bit/Page Mode MASKROM
MSM531652F OKI-MSM531652F Datasheet
102Kb / 8P
1,048,576-Words x 16-bit or 2,097,152-Bytes x 8-bit MaskROM, 16Words x 16-Bit or 32Bytes x 8-Bit/Page Mode MASKROM
MSM531655E OKI-MSM531655E Datasheet
103Kb / 8P
524,288-Double Words x 32-bit or 1,048,576-Words x 16-bit MaskROM, 8Double Word x 32-Bit or 16Word x 16-Bit/Page Mode MASKROM
MSM533202E OKI-MSM533202E Datasheet
97Kb / 8P
2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit MASKROM
MSM538032E OKI-MSM538032E Datasheet
101Kb / 9P
524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit MASKROM
MSM538052E OKI-MSM538052E Datasheet
103Kb / 8P
524,288-Words x 16-bit or 1,048,576-Bytes x 8-bit MaskROM, 8Words x 16-Bit or 16Bytes x 8-Bit/Page Mode MASKROM
MSM538022E OKI-MSM538022E Datasheet
72Kb / 8P
524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit MASKROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com