Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV321TP Datasheet (PDF) - 3PEAK INC.

LMV321TP Datasheet PDF - 3PEAK INC.
Part # LMV321TP
Download  LMV321TP Download
File Size   1765.16 Kbytes
Page   18 Pages
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.
Description 40μA, 1.27MHz, Micro-Power Rail-to-Rail I/O Op Amps

LMV321TP Datasheet (PDF)

Go To PDF Page Download Datasheet
LMV321TP Datasheet PDF - 3PEAK INC.

Part # LMV321TP
Download  LMV321TP Click to download

File Size   1765.16 Kbytes
Page   18 Pages
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.
Description 40μA, 1.27MHz, Micro-Power Rail-to-Rail I/O Op Amps

LMV321TP Datasheet (HTML) - 3PEAK INC.


LMV321TP Product details

Features
 Upgrade to LMV321/LMV358/LMV324 Family
 Stable 1.27MHz GBWP with Low IQ of Only 40μA
Typical per Amplifier
 0.9V/μs Slew Rate
 Unity Gain Stable for ANY CAPACITIVE Load
 Offset Voltage: 3.5mV Maximum
 Offset Voltage Temperature Drift: 0.6uV/°C
 Input Bias Current: 1pA Typical
 THD+Noise: -105dB at 1kHz, -90dB at 10kHz
 CMRR/PSRR: 110dB/102dB
 Beyond the Rails Input Common-Mode Range
 Outputs Swing to within 5mV Typical of each Rail
 No Phase Reversal for Overdriven Inputs
 No Crossover Distortion
 Drives 2kΩ Resistive Loads
 Single +2.1V to +6.0V Supply Voltage Range
 –40°C to 125°C Operation Range
 ESD Rating:
Robust 8KV – HBM, 2KV – CDM and 500V – MM
 Green, Popular Type Package




Similar Part No. - LMV321TP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LMV321TSG-13 DIODES-LMV321TSG-13 Datasheet
624Kb / 16P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL
Rev 6
LMV321TSG-7 DIODES-LMV321TSG-7 Datasheet
624Kb / 16P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL
Rev 6
More results


Similar Description - LMV321TP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6246 LINER-LTC6246 Datasheet
487Kb / 24P
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
logo
Maxim Integrated Produc...
MAX44259 MAXIM-MAX44259 Datasheet
969Kb / 14P
Low-Power, Rail-to-Rail I/O Op Amps
Rev 7; 9/14
logo
Linear Technology
LTC6255 LINER-LTC6255_15 Datasheet
466Kb / 24P
6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6256 LINER-LTC6256_15 Datasheet
466Kb / 24P
6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6257 LINER-LTC6257_15 Datasheet
466Kb / 24P
6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6246 LINER-LTC6246_15 Datasheet
492Kb / 24P
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6247 LINER-LTC6247_15 Datasheet
492Kb / 24P
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6248 LINER-LTC6248_15 Datasheet
492Kb / 24P
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6253 LINER-LTC6253_15 Datasheet
950Kb / 26P
720MHz, 3.5mA Power Efficient Rail-to-Rail I/O Op Amps
logo
3PEAK INC.
LMV321A 3PEAK-LMV321A Datasheet
1Mb / 19P
80μA, 1.0MHz, Micro-Power Rail-to-Rail I/O Op Amps
Rev. A.02
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com