Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV321TP Datasheet(PDF) 1 Page - 3PEAK INC.

Part # LMV321TP
Description  40μA, 1.27MHz, Micro-Power Rail-to-Rail I/O Op Amps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

LMV321TP Datasheet(HTML) 1 Page - 3PEAK INC.

  LMV321TP Datasheet HTML 1Page - 3PEAK INC. LMV321TP Datasheet HTML 2Page - 3PEAK INC. LMV321TP Datasheet HTML 3Page - 3PEAK INC. LMV321TP Datasheet HTML 4Page - 3PEAK INC. LMV321TP Datasheet HTML 5Page - 3PEAK INC. LMV321TP Datasheet HTML 6Page - 3PEAK INC. LMV321TP Datasheet HTML 7Page - 3PEAK INC. LMV321TP Datasheet HTML 8Page - 3PEAK INC. LMV321TP Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
LMV321TP/LMV358TP/LMV324TP
40μA, 1.27MHz, Micro-Power Rail-to-Rail I/O Op Amps
www.3peakic.com.cn
REV A.02
Features
Upgrade to LMV321/LMV358/LMV324 Family
Stable 1.27MHz GBWP with Low IQ of Only 40μA
Typical per Amplifier
0.9
V/μs Slew Rate
Unity Gain Stable for ANY CAPACITIVE Load
Offset Voltage: 3.5mV Maximum
Offset Voltage Temperature Drift: 0.6uV/°C
Input Bias Current: 1pA Typical
THD+Noise: -105dB at 1kHz, -90dB at 10kHz
CMRR/PSRR: 110dB/102dB
Beyond the Rails Input Common-Mode Range
Outputs Swing to within 5mV Typical of each Rail
No Phase Reversal for Overdriven Inputs
No Crossover Distortion
Drives
2kΩ Resistive Loads
Single +2.1V to +6.0V Supply Voltage Range
–40°C to 125°C Operation Range
ESD Rating:
Robust 8KV
– HBM, 2KV – CDM and 500V – MM
Green, Popular Type Package
Applications
Active Filters, ASIC Input or Output Amplifier
Sensor Interface
Smoke/Gas/Environment Sensors
Portable Instruments and Mobile Device
Audio Output
PCMCIA Cards
Battery or Solar Powered Systems
Medical Equipment
Piezo Electrical Transducer Amplifier
Description
LMV321TP/358TP/324TP are CMOS single, dual,
and quad op-amps with low offset, stable high
frequency response, low power, low supply voltage,
and rail-to-rail inputs and outputs. They incorporate
3PEAK
’s
proprietary
and
patented
design
techniques to achieve best in-class performance
among all micro-power CMOS amplifiers.
The LMV321TP/358TP/324TP are unity gain stable
with Any Capacitive Load with a Constant 1.27MHz
gain-bandwidth product, 0.9
V/μs slew rate while
consuming only 40
μA of supply current per amplifier.
Analog trim and calibration routine reduces input
offset voltage to below 3.5mV. Adaptive biasing and
dynamic compensation enables the LMV321TP
/358TP/324TP to achieve
‘THD+NOISE’ for 1kHz
and 10kHz 2VPP signal at -105dB and -90dB,
respectively. Beyond the rails input and rail-to-rail
output characteristics allow the full power-supply
voltage to be used for signal range.
This combination of features makes the LMV321TP
/358TP/324TP superior among rail-to-rail input
/output CMOS op amps in its power class. The
LMV321TP/358TP/324TP are ideal choices for
battery-powered
applications
because
they
minimize errors due to power supply voltage
variations over the lifetime of the battery and
maintain high CMRR even for a rail-to-rail input
op-amp.
The LMV321TP/358TP/324TP can be used as
cost-effective
plug-in
replacements
for
many
commercially available op amps to reduce power
and improve input/output range and performance.
3PEAK and the 3PEAK logo are registered trademarks of
3PEAK INCORPORATED. All other trademarks are the property
of their respective owners.
Pin Configuration (Top View)
LMV321TP
5-Pin SOT23/SC70
(-T and -C Suffixes)
4
5
3
2
1
+In
-VS
-In
Out
+VS
14
13
12
11
10
9
8
6
5
7
3
2
1
4
Out A
-VS
+In A
-In A
+VS
D
A
C
B
Out D
+In D
-In D
Out B
+In B
-In B
Out C
+In C
-In C
LMV324TP
14-Pin SOIC/TSSOP
(-S and -T Suffixes)
8
6
5
7
3
2
1
4
Out A
-VS
+In A
-In A
+VS
+In B
-In B
Out B
A
B
LMV358TP
8-Pin SOIC/MSOP
(-S and -V Suffixes)
8
7
6
5
4
3
2
1
Out A
﹢In A
﹣In A
﹣Vs
﹢In B
﹣In B
Out B
﹢Vs
LMV358TP
8-Pin DFN
(-F Suffixes)


Similar Part No. - LMV321TP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LMV321TSG-13 DIODES-LMV321TSG-13 Datasheet
624Kb / 16P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL
Rev 6
LMV321TSG-7 DIODES-LMV321TSG-7 Datasheet
624Kb / 16P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL
Rev 6
More results

Similar Description - LMV321TP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6246 LINER-LTC6246 Datasheet
487Kb / 24P
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
logo
Maxim Integrated Produc...
MAX44259 MAXIM-MAX44259 Datasheet
969Kb / 14P
Low-Power, Rail-to-Rail I/O Op Amps
Rev 7; 9/14
logo
Linear Technology
LTC6255 LINER-LTC6255_15 Datasheet
466Kb / 24P
6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6256 LINER-LTC6256_15 Datasheet
466Kb / 24P
6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6257 LINER-LTC6257_15 Datasheet
466Kb / 24P
6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6246 LINER-LTC6246_15 Datasheet
492Kb / 24P
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6247 LINER-LTC6247_15 Datasheet
492Kb / 24P
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6248 LINER-LTC6248_15 Datasheet
492Kb / 24P
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6253 LINER-LTC6253_15 Datasheet
950Kb / 26P
720MHz, 3.5mA Power Efficient Rail-to-Rail I/O Op Amps
logo
3PEAK INC.
LMV321A 3PEAK-LMV321A Datasheet
1Mb / 19P
80μA, 1.0MHz, Micro-Power Rail-to-Rail I/O Op Amps
Rev. A.02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com