Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV321TP Datasheet(PDF) 3 Page - 3PEAK INC.

Part # LMV321TP
Description  40μA, 1.27MHz, Micro-Power Rail-to-Rail I/O Op Amps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

LMV321TP Datasheet(HTML) 3 Page - 3PEAK INC.

  LMV321TP Datasheet HTML 1Page - 3PEAK INC. LMV321TP Datasheet HTML 2Page - 3PEAK INC. LMV321TP Datasheet HTML 3Page - 3PEAK INC. LMV321TP Datasheet HTML 4Page - 3PEAK INC. LMV321TP Datasheet HTML 5Page - 3PEAK INC. LMV321TP Datasheet HTML 6Page - 3PEAK INC. LMV321TP Datasheet HTML 7Page - 3PEAK INC. LMV321TP Datasheet HTML 8Page - 3PEAK INC. LMV321TP Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
LMV321TP/LMV358TP/LMV324TP
40μA, 1.27MHz, Micro-Power Rail-to-Rail I/O Op Amps
www.3peakic.com.cn
REV A.02
5V Electrical Characteristics
The
● denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 27° C.
VSUPPLY = 5V, VCM = VOUT = VSUPPLY/2, RL = 100KΩ, CL =100pF
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = VSUPPLY/2
●
-3.5
± 0.1
+3.5
mV
VOS TC
Input Offset Voltage Drift
0.6
μV/° C
IB
Input Bias Current
1.0
pA
IOS
Input Offset Current
1.0
pA
Vn
Input Voltage Noise
f = 0.1Hz to 10Hz
5.6
μVP-P
en
Input Voltage Noise Density
f = 1kHz
f = 10kHz
39
23
nV/√Hz
RIN
Input Resistance
>100
GΩ
CIN
Input Capacitance
Differential
Common Mode
1.5
3.0
pF
CMRR
Common Mode Rejection Ratio
VCM = 0.1V to 4.9V
●
80
110
dB
VCM
Common-mode Input Voltage
Range
●
-0.1
5.1
V
PSRR
Power Supply Rejection Ratio
●
80
102
dB
AVOL
Open-Loop Large Signal Gain
VOUT = 2.5V, RLOAD = 100kΩ
●
80
102
dB
VOUT = 0.1V to 4.9V, RLOAD = 100kΩ
●
72
102
VOL
Output Swing from Supply Rail
RLOAD = 100kΩ
5
mV
ISC
Output Short-Circuit Current
Sink or source current
45
mA
IQ
Quiescent Current per Amplifier
●
40
51
μA
PM
Phase Margin
RLOAD = 100kΩ, CLOAD = 100pF
66
0
GM
Gain Margin
RLOAD = 100kΩ, CLOAD = 100pF
-15
dB
GBWP
Gain-Bandwidth Product
f = 1kHz
1.27
MHz
tS
Settling Time, 1.5V to 3.5V,
Unity Gain
Settling Time, 2.45V to 2.55V,
Unity Gain
0.1%
0.01%
0.1%
0.01%
2.3
2.8
0.33
0.38
μs
μs
SR
Slew Rate
AV = 1, VOUT = 1.5V to 3.5V, CLOAD =
100pF, RLOAD = 100kΩ
0.9
V/μs
FPBW
Full Power Bandwidth
2VP-P
140
kHz
THD+N
Total Harmonic Distortion and
Noise
f=1kHz, AV=1, RL=100kΩ, VOUT = 2VPP
f=10kHz, AV=1, RL=100kΩ, VOUT = 2VPP
-105
-90
dB
Note: Stresses beyond those listed under Absolute
Maximum Ratings may cause permanent damage to
the device. Exposure to any Absolute Maximum Rating
condition for extended periods may affect device
reliability and lifetime.
The inputs are protected by ESD protection diodes to
each power supply. If the input extends more than
500mV beyond the power supply, the input current
should be limited to less than 10mA.
A heat sink may be required to keep the junction
temperature below the absolute maximum rating when
the output is shorted indefinitely.
Thermal resistance varies with the amount of PC
board metal connected to the package. The specified
values are for short traces connected to the leads.
Full power bandwidth is calculated from the slew rate
FPBW =
SR/π • VP-P.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com