Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV321TP Datasheet(PDF) 2 Page - 3PEAK INC.

Part # LMV321TP
Description  40μA, 1.27MHz, Micro-Power Rail-to-Rail I/O Op Amps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

LMV321TP Datasheet(HTML) 2 Page - 3PEAK INC.

  LMV321TP Datasheet HTML 1Page - 3PEAK INC. LMV321TP Datasheet HTML 2Page - 3PEAK INC. LMV321TP Datasheet HTML 3Page - 3PEAK INC. LMV321TP Datasheet HTML 4Page - 3PEAK INC. LMV321TP Datasheet HTML 5Page - 3PEAK INC. LMV321TP Datasheet HTML 6Page - 3PEAK INC. LMV321TP Datasheet HTML 7Page - 3PEAK INC. LMV321TP Datasheet HTML 8Page - 3PEAK INC. LMV321TP Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
REV A.02
www.3peakic.com.cn
LMV321TP/LMV358TP/LMV324TP
40μA, 1.27MHz, Micro-Power Rail-to-Rail I/O Op Amps
Absolute Maximum Ratings Note 1
Supply Voltage: V+
– V–....................................6.0V
Input Voltage............................. V–
– 0.2 to V+ + 0.2
Input Current: +IN,
–IN, SHDN Note 2.............. ±10mA
Output Current: OUT.................................... ±45mA
Output Short-Circuit Duration Note 3
…......... Indefinite
Operating Temperature Range.......
–40°C to 125°C
Maximum Junction Temperature................... 150°C
Storage Temperature Range..........
–65°C to 150°C
Lead Temperature (Soldering, 10 sec) ......... 260°C
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to any
Absolute Maximum Rating condition for extended periods may affect device reliability and lifetime.
Note 2: The inputs are protected by ESD protection diodes to each power supply. If the input extends more than 500mV beyond the power
supply, the input current should be limited to less than 10mA.
Note 3: A heat sink may be required to keep the junction temperature below the absolute maximum. This depends on the power supply
voltage and how many amplifiers are shorted. Thermal resistance varies with the amount of PC board metal connected to the package. The
specified values are for short traces connected to the leads.
ESD, Electrostatic Discharge Protection
Symbol
Parameter
Condition
Minimum Level
Unit
HBM
Human Body Model ESD
MIL-STD-883H Method 3015.8
8
kV
MM
Machine Model ESD
JEDEC-EIA/JESD22-A115
500
V
CDM
Charged Device Model ESD
JEDEC-EIA/JESD22-C101E
2
kV
Order and MSL Information
Model
Name
Order Number
Package
Transport Media,
Quantity
Marking
Information
MSL
Level
LMV321TP
LMV321TP-CR
5-Pin SC70
Tape and Reel, 3000
AC4YW (1)
MSL 3
LMV321TP-TR
5-Pin SOT23
Tape and Reel, 3000
AT4YW (1)
MSL 3
LMV358TP
LMV358TP-SR
8-Pin SOIC
Tape and Reel, 4000
A42S
MSL 3
LMV358TP-VR
8-Pin MSOP
Tape and Reel, 3000
A42V
MSL 3
LMV358TP-FR
8-Pin DFN
Tape and Reel, 3000
A42
MSL 3
LMV324TP
LMV324TP-SR
14-Pin SOIC
Tape and Reel, 2500
A44S
MSL 3
LMV324TP-TR
14-Pin
TSSOP
Tape and Reel, 3000
A44T
MSL 3
Note (1): ‘YW’ is date coding scheme. 'Y' stands for calendar year, and 'W' stands for single workweek coding scheme.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com