Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV321TP Datasheet(PDF) 13 Page - 3PEAK INC.

Part # LMV321TP
Description  40μA, 1.27MHz, Micro-Power Rail-to-Rail I/O Op Amps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

LMV321TP Datasheet(HTML) 13 Page - 3PEAK INC.

Back Button LMV321TP Datasheet HTML 9Page - 3PEAK INC. LMV321TP Datasheet HTML 10Page - 3PEAK INC. LMV321TP Datasheet HTML 11Page - 3PEAK INC. LMV321TP Datasheet HTML 12Page - 3PEAK INC. LMV321TP Datasheet HTML 13Page - 3PEAK INC. LMV321TP Datasheet HTML 14Page - 3PEAK INC. LMV321TP Datasheet HTML 15Page - 3PEAK INC. LMV321TP Datasheet HTML 16Page - 3PEAK INC. LMV321TP Datasheet HTML 17Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
LMV321TP/LMV358TP/LMV324TP
40μA, 1.27MHz, Micro-Power Rail-to-Rail I/O Op Amps
www.3peakic.com.cn
REV A.02
R1
1M
Ω
R2
1M
Ω
C1
400pF
C2
400pF
R3
2M
Ω
R4
2M
Ω
VIN
VOUT
12
12
-3dB
3
4
3
4
R = R = R = 1M
C = C = C = 400pF
Q = Filter Peaking Factor = 1
f
= 1/(2
) = 400
R = R /(2-1/Q) ; with Q = 1, R =R
RC
Hz
Figure 8
Portable Gas Sensor Amplifier
Gas sensors are used in many different industrial and medical applications. Gas sensors generate a current that
is proportional to the percentage of a particular gas concentration sensed in an air sample. This output current
flows through a load resistor and the resultant voltage drop is amplified. Depending on the sensed gas and
sensitivity of the sensor, the output current can be in the range of tens of microamperes to a few milli-amperes.
Gas sensor datasheets often specify a recommended load resistor value or a range of load resistors from which
to choose.
There are two main applications for oxygen sensors
– applications which sense oxygen when it is abundantly
present (that is, in air or near an oxygen tank) and those which detect traces of oxygen in parts-per-million
concentration. In medical applications, oxygen sensors are used when air quality or oxygen delivered to a patient
needs to be monitored. In fresh air, the concentration of oxygen is 20.9% and air samples containing less than
18% oxygen are considered dangerous. In industrial applications, oxygen sensors are used to detect the absence
of oxygen; for example, vacuum-packaging of food products.
The circuit in Figure 9 illustrates a typical implementation used to amplify the output of an oxygen detector.
With
the components shown in the figure, the circuit consumes less than 37
μA of supply current ensuring that small
form-factor single- or button-cell batteries (exhibiting low mAh charge ratings) could last beyond the operating life
of the oxygen sensor. The precision specifications of these amplifiers, such as their low offset voltage, low TC-VOS,
low input bias current, high CMRR, and high PSRR are other factors which make these amplifiers excellent
choices for this application.
100 k
Ω
1%
100
Ω
1%
VOUT
100 k
Ω
1%
10 M
Ω
1%
2
O
I
2
1 in Air ( 21% O )
0.7
OUT
DD
VV
I
uA
Oxygen Sensor
City Technology
4OX2
Figure 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com