Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1330Y Datasheet (PDF) - Dallas Semiconductor

DS1330Y Datasheet PDF - Dallas Semiconductor
Part # DS1330Y
Download  DS1330Y Download
File Size   191.48 Kbytes
Page   11 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 256k Nonvolatile SRAM with Battery Monitor

DS1330Y Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1330Y Datasheet PDF - Dallas Semiconductor

Part # DS1330Y
Download  DS1330Y Click to download

File Size   191.48 Kbytes
Page   11 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 256k Nonvolatile SRAM with Battery Monitor

DS1330Y Datasheet (HTML) - Dallas Semiconductor


DS1330Y Product details

DESCRIPTION
The DS1330 256k NV SRAMs are 262,144-bit, fully static, NV SRAMs organized as 32,768 words by 8 bits. Each NV SRAM has a self-contained lithium energy source and control circuitry which constantly monitors VCC for an out-of-tolerance condition. When such a condition occurs, the lithium energy source is automatically switched on and write protection is unconditionally enabled to prevent data corruption. Additionally, the DS1330 devices have dedicated circuitry for monitoring the status of VCC and the status of the internal lithium battery. DS1330 devices in the PowerCap module package are directly surface mountable and are normally paired with a DS9034PC PowerCap to form a complete NV SRAM module. The devices can be used in place of 32k x 8 SRAM, EEPROM, or Flash components.

FEATURES
◾ 10 years minimum data retention in the absence of external power
◾ Data is automatically protected during power loss
◾ Power supply monitor resets processor when VCC power loss occurs and holds processor in reset during VCC ramp-up
◾ Battery monitor checks remaining capacity daily
◾ Read and write access times as fast as 70ns
◾ Unlimited write cycle endurance
◾ Typical standby current 50μA
◾ Upgrade for 32k x 8 SRAM, EEPROM or Flash
◾ Lithium battery is electrically disconnected to retain freshness until power is applied for the first time
◾ Full 10% VCC operating range (DS1330Y) or optional 5% VCC operating range (DS1330AB)
◾ Optional industrial temperature range of -40°C to +85°C, designated IND
◾ PowerCap Module (PCM) package
    - Directly surface-mountable module
    - Replaceable snap-on PowerCap provides lithium backup battery
    - Standardized pinout for all nonvolatile (NV) SRAM products
    - Detachment feature on PowerCap allows easy removal using a regular screwdriver




Similar Part No. - DS1330Y

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1330Y DALLAS-DS1330Y Datasheet
217Kb / 10P
256k Nonvolatile SRAM with Battery Monitor
logo
Maxim Integrated Produc...
DS1330Y MAXIM-DS1330Y Datasheet
217Kb / 10P
256k Nonvolatile SRAM with Battery Monitor
19-5593; Rev 10/10
logo
Dallas Semiconductor
DS1330Y-100 DALLAS-DS1330Y-100 Datasheet
211Kb / 12P
1024k Nonvolatile SRAM with Battery Monitor
DS1330Y-100 DALLAS-DS1330Y-100 Datasheet
228Kb / 12P
4096k Nonvolatile SRAM with Battery Monitor
DS1330YL DALLAS-DS1330YL Datasheet
219Kb / 9P
256K Nonvolatile SRAM with Battery Monitor
More results


Similar Description - DS1330Y

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1330W DALLAS-DS1330W Datasheet
107Kb / 11P
3.3V 256K Nonvolatile SRAM with Battery Monitor
DS1345Y DALLAS-DS1345Y Datasheet
211Kb / 12P
1024k Nonvolatile SRAM with Battery Monitor
DS1350Y DALLAS-DS1350Y Datasheet
228Kb / 12P
4096k Nonvolatile SRAM with Battery Monitor
DS1330YL DALLAS-DS1330YL Datasheet
219Kb / 9P
256K Nonvolatile SRAM with Battery Monitor
DS1345BL DALLAS-DS1345BL Datasheet
219Kb / 9P
1024K Nonvolatile SRAM with Battery Monitor
DS1330Y DALLAS-DS1330Y_10 Datasheet
217Kb / 10P
256k Nonvolatile SRAM with Battery Monitor
logo
Maxim Integrated Produc...
DS1350YL MAXIM-DS1350YL Datasheet
387Kb / 9P
4096K Nonvolatile SRAM with Battery Monitor
022598
DS1330YL MAXIM-DS1330YL Datasheet
386Kb / 9P
256K Nonvolatile SRAM with Battery Monitor
022598
DS1330W MAXIM-DS1330W Datasheet
224Kb / 10P
3.3V 256k Nonvolatile SRAM with Battery Monitor
19-5590; Rev 10/10
DS1330AB MAXIM-DS1330AB Datasheet
217Kb / 10P
256k Nonvolatile SRAM with Battery Monitor
19-5593; Rev 10/10
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com