Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7610A Datasheet (PDF) - KIA Semiconductor Technology

7610A Datasheet PDF - KIA Semiconductor Technology
Part # 7610A
Download  7610A Download
File Size   248.84 Kbytes
Page   6 Pages
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology
Description 25A,100V N-CHANNEL MOSFET

7610A Datasheet (PDF)

Go To PDF Page Download Datasheet
7610A Datasheet PDF - KIA Semiconductor Technology

Part # 7610A
Download  7610A Click to download

File Size   248.84 Kbytes
Page   6 Pages
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology
Description 25A,100V N-CHANNEL MOSFET

7610A Datasheet (HTML) - KIA Semiconductor Technology




Similar Part No. - 7610A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7610 ETC2-7610 Datasheet
320Kb / 1P
HOLE PLUGS and BUSHINGS
logo
Heyco.
7610 HEYCO-7610 Datasheet
169Kb / 1P
Specialty Female Connectors
logo
Keystone Electronics Co...
7610 KEYSTONE-7610 Datasheet
313Kb / 1P
HOLE PLUGS & BUSHINGS
31-07 20th
logo
3M Electronics
7610-5002BL 3M-7610-5002BL Datasheet
40Kb / 2P
Standard socket/header V low profile header right angle type
7610-5002PL 3M-7610-5002PL Datasheet
40Kb / 2P
Standard socket/header V low profile header right angle type
More results


Similar Description - 7610A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF9150 INTERSIL-IRF9150 Datasheet
57Kb / 7P
-25A, -100V, 0.150 Ohm, P-Channel Power MOSFET
February 1999
IRFP9150 INTERSIL-IRFP9150 Datasheet
59Kb / 7P
25A, 100V, 0.150 Ohm, P-Channel Power MOSFET
August 1999
JANSR2N7292 INTERSIL-JANSR2N7292 Datasheet
38Kb / 7P
25A, 100V, 0.070 Ohm, Rad Hard, N-Channel Power MOSFET
June 1998
JANSR2N7405 INTERSIL-JANSR2N7405 Datasheet
44Kb / 8P
25A, 100V, 0.070 Ohm, Rad Hard, N-Channel Power MOSFET
June 1998
logo
Fairchild Semiconductor
FQH140N10 FAIRCHILD-FQH140N10 Datasheet
679Kb / 8P
100V N-Channel MOSFET
logo
Unisonic Technologies
UTT25P10 UTC-UTT25P10 Datasheet
152Kb / 3P
25A, 100V P-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AO3442 AOSMD-AO3442 Datasheet
500Kb / 5P
100V N-Channel MOSFET
logo
New Jersey Semi-Conduct...
IRF9150 NJSEMI-IRF9150 Datasheet
152Kb / 3P
-25A, -100V, 0.150 Ohm, P-Channel Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com