Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

102829 Datasheet (PDF) - PHOENIX CONTACT

102829 Datasheet PDF - PHOENIX CONTACT
Part # 102829
Download  102829 Download
File Size   123.31 Kbytes
Page   3 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Power Optocouplers for Switching AC Loads up to 2 A

102829 Datasheet (PDF)

Go To PDF Page Download Datasheet
102829 Datasheet PDF - PHOENIX CONTACT

Part # 102829
Download  102829 Click to download

File Size   123.31 Kbytes
Page   3 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Power Optocouplers for Switching AC Loads up to 2 A

102829 Datasheet (HTML) - PHOENIX CONTACT




Similar Part No. - 102829

ManufacturerPart #DatasheetDescription
logo
Heyco.
10282 HEYCO-10282 Datasheet
106Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
JOKARI GmbH & Co. KG
10282 JOKARI-10282 Datasheet
728Kb / 14P
PRODUCT SPECIFICATION
16/05/2014
logo
Brady Worldwide, Inc.
102821 BRADY-102821 Datasheet
320Kb / 1P
Visual Workplace Marking
102822 BRADY-102822 Datasheet
320Kb / 1P
Visual Workplace Marking
logo
SICK AG
1028224 SICK-1028224 Datasheet
1Mb / 7P
COLOR SENSORS
More results


Similar Description - 102829

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FBR12 FUJITSU-FBR12 Datasheet
42Kb / 6P
2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
logo
STMicroelectronics
A5973D STMICROELECTRONICS-A5973D_08 Datasheet
787Kb / 12P
Up to 2 A step down switching regulator for automotive applications
02-May-2008
A5973D_0808 STMICROELECTRONICS-A5973D_0808 Datasheet
779Kb / 12P
Up to 2 A step down switching regulator for automotive applications
29-Aug-2008
logo
Tyco Electronics
DS9-1W MACOM-DS9-1W Datasheet
125Kb / 2P
AC solid state relay for loads up to 1A @ 250Vrms (2A with heatsink)
DS11-1Y MACOM-DS11-1Y Datasheet
124Kb / 4P
DC solid state relay for loads up to 2A @ 60Vdc
logo
STMicroelectronics
R5973D STMICROELECTRONICS-R5973D Datasheet
1Mb / 39P
Up to 2 A step-down switching regulator for aerospace applications
29-Sep-2014
logo
TE Connectivity Ltd
V23005 TEC-V23005 Datasheet
775Kb / 4P
Contacts for signal loads and currents up to 5A
H-26 TEC-H-26 Datasheet
153Kb / 1P
Vacuum dielectric for power switching low current loads
logo
PHOENIX CONTACT
101804 PHOENIX-101804 Datasheet
132Kb / 3P
Power Optocoupler for Switching High DC Loads up to 5 A
101810 PHOENIX-101810 Datasheet
150Kb / 4P
Miniature Relays With PDT for Loads up to 6 A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com