Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

102829 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 102829
Description  Power Optocouplers for Switching AC Loads up to 2 A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

102829 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  102829 Datasheet HTML 1Page - PHOENIX CONTACT 102829 Datasheet HTML 2Page - PHOENIX CONTACT 102829 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© PHOENIX CONTACT - 01/2006
Data Sheet
INTERFACE
102829_00_en
1
PHOENIX CONTACT GmbH & Co. KG • 32823 Blomberg • Germany
Phone: +49-(0) 5235-3-00 • Fax: +49-(0) 5235-3-4 12 00 • www.phoenixcontact.com
www.phoenixcontact.com/salesnetwork
OPT-...-DC/230AC/2
Description
The pluggable and solder-in power optocoupler is designed
for use in applications in which electromechanical relays
quickly reach the end of their service life due to the high
switching frequency.
Powerful Optocouplers
In practice, the 6.2 mm PLC optocoupler series with a
maximum switching current of 750 mA is insufficient for
some applications. Users who wish to switch e.g. motors
with a current consumption of up to 2 A, can now insert the
OPT-...-DC/230AC/2 power optocoupler in the correspond-
ing 14 mm wide PLC-... basic terminal blocks (see right).
The optocoupler can also be used on Phoenix Contact
PR1 relay bases and suitable VARIOFACE modules.
Features
–
Wear-resistant switching up to 230 V / 2 A
–
Electrical isolation between input and output 2.5 kV
–
Integrated protective circuit on the output side
–
Sealed IP67 housing for protection against external
influences
–
Resistant to vibrations and shocks
–
Zero voltage switch
Suitable PLC basic terminal blocks for
OPT-24DC/230AC/2
PLC-BSC-24DC/21-21, PLC-BSC-48DC/21-21,
PLC-BSC-24DC/1-1/ACT, PLC-BSC-24DC/1IC/ACT,
PLC-BSC-24DC/21HC, PLC-BSC-48DC/21HC,
PLC-BSP-24DC/21-21, PLC-BSP-48 DC/21-21,
PLC-BSP-24DC/1IC4ACT, PLC-BSP-24DC/21HC,
PLC-BSP-48DC/21HC
Suitable PLC basic terminal blocks for
OPT-60DC/230AC/2
PLC-BSC-60DC/21-21, PLC-BSC-60DC/21HC,
PLC-BSP-60DC/21-21, PLC-BSP-60DC/21HC
.
Make sure you always use the latest documentation.
It can be downloaded at www.download.phoenixcontact.com.
A conversion table is available on the Internet at
www.download.phoenixcontact.com/general/7000_en_00.pdf.
This data sheet is valid for all products listed on the following page:
Power Optocouplers for Switching AC Loads
up to 2 A


Similar Part No. - 102829

ManufacturerPart #DatasheetDescription
logo
Heyco.
10282 HEYCO-10282 Datasheet
106Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
JOKARI GmbH & Co. KG
10282 JOKARI-10282 Datasheet
728Kb / 14P
PRODUCT SPECIFICATION
16/05/2014
logo
Brady Worldwide, Inc.
102821 BRADY-102821 Datasheet
320Kb / 1P
Visual Workplace Marking
102822 BRADY-102822 Datasheet
320Kb / 1P
Visual Workplace Marking
logo
SICK AG
1028224 SICK-1028224 Datasheet
1Mb / 7P
COLOR SENSORS
More results

Similar Description - 102829

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FBR12 FUJITSU-FBR12 Datasheet
42Kb / 6P
2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
logo
STMicroelectronics
A5973D STMICROELECTRONICS-A5973D_08 Datasheet
787Kb / 12P
Up to 2 A step down switching regulator for automotive applications
02-May-2008
A5973D_0808 STMICROELECTRONICS-A5973D_0808 Datasheet
779Kb / 12P
Up to 2 A step down switching regulator for automotive applications
29-Aug-2008
logo
Tyco Electronics
DS9-1W MACOM-DS9-1W Datasheet
125Kb / 2P
AC solid state relay for loads up to 1A @ 250Vrms (2A with heatsink)
DS11-1Y MACOM-DS11-1Y Datasheet
124Kb / 4P
DC solid state relay for loads up to 2A @ 60Vdc
logo
STMicroelectronics
R5973D STMICROELECTRONICS-R5973D Datasheet
1Mb / 39P
Up to 2 A step-down switching regulator for aerospace applications
29-Sep-2014
logo
TE Connectivity Ltd
V23005 TEC-V23005 Datasheet
775Kb / 4P
Contacts for signal loads and currents up to 5A
H-26 TEC-H-26 Datasheet
153Kb / 1P
Vacuum dielectric for power switching low current loads
logo
PHOENIX CONTACT
101804 PHOENIX-101804 Datasheet
132Kb / 3P
Power Optocoupler for Switching High DC Loads up to 5 A
101810 PHOENIX-101810 Datasheet
150Kb / 4P
Miniature Relays With PDT for Loads up to 6 A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com