Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

102829 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 102829
Description  Power Optocouplers for Switching AC Loads up to 2 A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

102829 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  102829 Datasheet HTML 1Page - PHOENIX CONTACT 102829 Datasheet HTML 2Page - PHOENIX CONTACT 102829 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
OPT-...-DC/230AC/2
102829_00_en
PHOENIX CONTACT
3
Perforations for Assembly
Figure 2
Perforations for assembly:
View of the connections
Block Diagram
Figure 3
Block diagram
Derating Curve for PLC Power Optocouplers
A
Aligned with 10 mm spacing
B
Aligned with zero spacing
© PHOENIX CONTACT 01/2006
5
1 , 2 8
1 , 3
A1
13+
14
A2
0
200
400
600
800
1000
1200
1400
1600
1800
2000
20
30
40
50
60
A
B
T [°C]
U



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com