Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

102829 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 102829
Description  Power Optocouplers for Switching AC Loads up to 2 A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

102829 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  102829 Datasheet HTML 1Page - PHOENIX CONTACT 102829 Datasheet HTML 2Page - PHOENIX CONTACT 102829 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OPT-...-DC/230AC/2
102829_00_en
PHOENIX CONTACT
2
Ordering Data
Technical Data
Dimensions
Figure 1
Dimensions (in mm)
Description
Type
Order No.
Pcs./Pck.
Power optocoupler for switching AC loads up to 2 A, input voltage 5 V DC
OPT- 5DC/230AC/2
29 82 16 8
20
Power optocoupler for switching AC loads up to 2 A, input voltage 24 V DC
OPT-24DC/230AC/2
29 82 17 1
20
Power optocoupler for switching AC loads up to 2 A, input voltage 60 V DC
OPT-60DC/230AC/2
29 82 18 4
20
Input Data
...5DC...
...24DC...
...60DC...
Nominal input voltage UN
5 V DC
24 V DC
60 V DC
Permissible input voltage range
0.8 - 1.2 x UN
0.8 - 1.2 x UN
0.9 - 1.1 x UN
Typical input current at UN
15 mA
7 mA
2.6 mA
Typical switch-on time at UN
10 ms
10 ms
10 ms
Typical switch-off time at UN
10 ms
10 ms
10 ms
Output Data
Maximum switching voltage
253 V AC
Minimum switching voltage
24 V AC
Limiting continuous current
2 A (see "Derating Curve for PLC Power Optocouplers" on page 3)
Maximum load value at 25 °C
4 A2s/tP = 10 ms
Surge current at 25 °C
30 A for 10 ms
Minimum switching current
25 mA
Output switching
2-wire floating ground
Output wiring
RC element
Voltage drop on limiting continuous current
≤ 1 V
General Data
Rated insulation voltage
250 V AC
Rated surge voltage
4 kV
Nominal operating mode
100% ED
Ambient operating temperature range
-20 °C ... +60 °C
Mounting position
Any
Mounting
see "Derating Curve for PLC Power Optocouplers" on page 3
Degree of contamination
2
Surge voltage category
III
Inflammability class
V0 according to UL 94
Basic insulation
According to EN 50178
2 9
1 2 , 7



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com