Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS381383 Datasheet (PDF) - Pericom Semiconductor Corporation

PS381383 Datasheet PDF - Pericom Semiconductor Corporation
Part # PS381383
Download  PS381383 Download
File Size   528.08 Kbytes
Page   9 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Precision, 17V Analog Switches

PS381383 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS381383 Datasheet PDF - Pericom Semiconductor Corporation

Part # PS381383
Download  PS381383 Click to download

File Size   528.08 Kbytes
Page   9 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Precision, 17V Analog Switches

PS381383 Datasheet (HTML) - Pericom Semiconductor Corporation


PS381383 Product details

Description
The PS381/PS383/PS385 are improved high precision, medium voltage analog switches designed to operate with +3V to ±8V power supplies.

Features
• Low On-Resistance (16Ω typ) Minimizes Distortion and Error Voltages
• Low Glitching Reduces Step Errors in Sample-and-Holds. Charge Injection, 3pC typ
• Single Supply (+3V to +15V) or Split-Supply (±3V to ±8V) Operation
• Improved Second Sources for MAX381/MAX383/MAX385
• On-Resistance Matching Between Channels, 0.2 Ω typ
• On-Resistance Flatness, 1Ω typ
• Low Off-Channel Leakage, <2.5nA @ +85oC
• TTL/CMOS Logic Compatible
• Rail-to-Rail Analog Signal Dynamic Range
• Low Power Consumption <1µA

Applications
• Instrumentation, ATE
• Sample-and-Holds
• Audio Switching and Routing
• Telecommunication Systems
• PBX, PABX
• Battery-Powered Systems




Similar Part No. - PS381383

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PS3870J4330DSERQ1 TI1-PS3870J4330DSERQ1 Datasheet
592Kb / 26P
TPS3870-Q1 Overvoltage Reset IC With Time Delay and Manual Reset
PS38A950122DSKRQ1 TI-PS38A950122DSKRQ1 Datasheet
2Mb / 34P
TPS38x-Q1 (65 V & 2uA) Wide VIN Dual Channel Voltage Detector
PS38A950122DSKRQ1 TI-PS38A950122DSKRQ1 Datasheet
3Mb / 43P
TPS38-Q1 Wide VIN 65 V Dual Channel Overvoltage or Undervoltage (OV or UV) Detector with Programmable Sense and Reset Function for Automotive
SEPTEMBER 2021
More results


Similar Description - PS381383

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX317 MAXIM-MAX317 Datasheet
130Kb / 12P
Precision, CMOS Analog Switches
19-0185; Rev 1; 11/94
logo
TEMIC Semiconductors
DG418 TEMIC-DG418 Datasheet
153Kb / 10P
Precision CMOS Analog Switches
logo
Vishay Siliconix
DG417B VISHAY-DG417B Datasheet
108Kb / 9P
Precision CMOS Analog Switches
11-Aug-03
logo
Pericom Semiconductor C...
PS396 PERICOM-PS396 Datasheet
229Kb / 10P
Precision, 16-Channel 17V Analog Multiplexer
PS394 PERICOM-PS394 Datasheet
332Kb / 8P
Precision, Quad, SPDT, 17V Analog Switch
PS4051 PERICOM-PS4051 Datasheet
372Kb / 9P
17V CMOS Analog Multiplexers/Switches
PS398 PERICOM-PS398 Datasheet
207Kb / 11P
Precision 8-Ch, Diff. 4-Ch, 17V Analog Multiplexers
logo
Analog Microelectronics
AS3336G AME-AS3336G Datasheet
423Kb / 25P
Precision Multiple Analog Switches
logo
Vishay Siliconix
DG417 VISHAY-DG417_08 Datasheet
147Kb / 11P
Precision CMOS Analog Switches
25-Jun-07
DG417 VISHAY-DG417_10 Datasheet
304Kb / 16P
Precision CMOS Analog Switches
19-Jul-10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com