Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMM1330 Datasheet (PDF) - List of Unclassifed Manufacturers

CMM1330 Datasheet PDF - List of Unclassifed Manufacturers
Part # CMM1330
Download  CMM1330 Download
File Size   34.88 Kbytes
Page   2 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 1.85 to 1.91 GHz 3V, 30 dBm PCS/PCN Power Amplifier

CMM1330 Datasheet (PDF)

Go To PDF Page Download Datasheet
CMM1330 Datasheet PDF - List of Unclassifed Manufacturers

Part # CMM1330
Download  CMM1330 Click to download

File Size   34.88 Kbytes
Page   2 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 1.85 to 1.91 GHz 3V, 30 dBm PCS/PCN Power Amplifier

CMM1330 Datasheet (HTML) - List of Unclassifed Manufacturers


CMM1330 Product details

[Celeritek]

Description
The CMM1330 is a 3V linear power amplifier intended for use in PCS handsets, wireless local loop subscriber units and PCS base stations. As a pin-compatible member of the new Triniti DX™ amplifier family, the CMM1330 offers maximum performance and flexibility. The flexible amplifier can be biased to support the requirements of PCS-1900, IS-136, or DCS-1800 systems.

Features
❏ 40% Linear Power Added Efficiency
❏ 30 dBm Output Power (IS-136 TDMA)
❏ 30 dB Gain
❏ Low Cost, SO-8 Surface Mount Package
❏ Tested Under Digital Modulation

Applications
❏ IS-136 Handsets
❏ Wireless Local Loop Subscriber Units
❏ PCS Base Stations




Similar Part No. - CMM1330

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMM1331-KU ETC1-CMM1331-KU Datasheet
375Kb / 2P
12.70 to 13.50 GHz 1.5 Watt Power Amplifier
logo
Mimix Broadband
CMM1331-SM MIMIX-CMM1331-SM Datasheet
574Kb / 3P
12.7 to 13.5 GHz 1.5 Watt Power Amplifier
More results


Similar Description - CMM1330

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2196 RFMD-RF2196 Datasheet
180Kb / 8P
3V PCS LINEAR POWER AMPLIFIER
logo
ANADIGICS, Inc
AWT6104M5 ANADIGICS-AWT6104M5 Datasheet
147Kb / 4P
PCS TDMA 3.5V/30 dBm Linear Power Amplifier Module
REV 1
logo
Ericsson
PTB20125 ERICSSON-PTB20125 Datasheet
235Kb / 5P
100 Watts, 1.8-2.0 GHz PCN/PCS Power Transistor
PTB20151 ERICSSON-PTB20151 Datasheet
639Kb / 5P
45 Watts, 1.8-2.0 GHz PCN/PCS Power Transistor
logo
Agilent(Hewlett-Packard...
MGA-82563 HP-MGA-82563 Datasheet
137Kb / 12P
0.1-6 GHz 3V, 17 dBm Amplifier
logo
List of Unclassifed Man...
CMM1321 ETC-CMM1321 Datasheet
103Kb / 5P
1.85 to 1.91 GHz 5V, 28.5 dBm, PCS Power Amplifier
CMM1530-LC ETC-CMM1530-LC Datasheet
451Kb / 4P
1.85 to 1.91 GHz 3.0V, 30 dBm, PCS/PCN LCC-8 Power Amplifier
logo
RF Micro Devices
RF2196 RFMD-RF2196_06 Datasheet
213Kb / 10P
3V PCS LINEAR POWER AMPLIFIER
RF2196 RFMD-RF2196_1 Datasheet
320Kb / 12P
3V PCS LINEAR POWER AMPLIFIER
logo
Guerrilla RF, Inc.
GRF5518W GUERRILLA-GRF5518W Datasheet
5Mb / 25P
HIGH LINEARITY POWER AMPLIFIER 1.8 to 1.91 GHz
January 24, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com