Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC845 Datasheet (PDF) - Sharp Corporation

PC845 Datasheet PDF - Sharp Corporation
Part # PC845
Download  PC845 Download
File Size   106.84 Kbytes
Page   5 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description High Sensitivity, High Density Mounting Type Photocoupler

PC845 Datasheet (PDF)

Go To PDF Page Download Datasheet
PC845 Datasheet PDF - Sharp Corporation

Part # PC845
Download  PC845 Click to download

File Size   106.84 Kbytes
Page   5 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description High Sensitivity, High Density Mounting Type Photocoupler

PC845 Datasheet (HTML) - Sharp Corporation


PC845 Product details

■ Features
1. High current transfer ratio
   ( CTR: MIN. 600% at I F= 1mA, V CE = 2V)
2. High isolation voltage between input and output
   ( Viso: 5000V rms )
3. Compact dual-in-line package
   PC815 : 1-channel type PC825 : 2-channel type
   PC835 : 3-channel type PC845 : 4-channel type
4. Recognized by UL file No. E64380

■ Applications
1. System appliances, measuring instruments
2. Industrial robots
3. Copiers, automatic vending machines
4. Signal transmission between circuits of different potentials and impedances




Similar Part No. - PC845

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC844 SHARP-PC844 Datasheet
74Kb / 5P
AC Input Photocoupler
PC844 SHARP-PC844 Datasheet
335Kb / 12P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC844A SHARP-PC844A Datasheet
74Kb / 5P
AC Input Photocoupler
PC844X SHARP-PC844X Datasheet
212Kb / 12P
DIP 16pin (4-channel) AC Input Photocoupler
PC846 SHARP-PC846 Datasheet
259Kb / 4P
Hgh -w=der Vtige, Hgh Density Mounting Type Photocoupler
More results


Similar Description - PC845

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC815 SHARP-PC815 Datasheet
112Kb / 4P
High Sensitivity, High Density Mounting Type Photocoupler
PC817A SHARP-PC817A Datasheet
85Kb / 4P
High Density Mounting Type Photocoupler
PC818 SHARP-PC818 Datasheet
66Kb / 4P
High Density Mounting Type Photocoupler
PC829 SHARP-PC829 Datasheet
79Kb / 4P
High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV-819 LITEON-LTV-819 Datasheet
717Kb / 5P
High Density Mounting Type Photocoupler
logo
SeCoS Halbleitertechnol...
BL817 SECOS-BL817 Datasheet
676Kb / 4P
High Density Mounting Type Photocoupler
BL817S SECOS-BL817S Datasheet
589Kb / 4P
High Density Mounting Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV-817_V1 TENAND-LTV-817_V1 Datasheet
1Mb / 5P
High Density Mounting Type Photocoupler
logo
Guangdong Kexin Industr...
PC817 KEXIN-PC817 Datasheet
1Mb / 4P
High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV-817 LITEON-LTV-817_V01 Datasheet
698Kb / 5P
High Density Mounting Type Photocoupler
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com