Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB42L51 Datasheet (PDF) - Cirrus Logic

CDB42L51 Datasheet PDF - Cirrus Logic
Part # CDB42L51
Download  CDB42L51 Download
File Size   1348.25 Kbytes
Page   83 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Low Power, Stereo CODEC with Headphone Amp

CDB42L51 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDB42L51 Datasheet PDF - Cirrus Logic

Part # CDB42L51
Download  CDB42L51 Click to download

File Size   1348.25 Kbytes
Page   83 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Low Power, Stereo CODEC with Headphone Amp

CDB42L51 Datasheet (HTML) - Cirrus Logic


CDB42L51 Product details

GENERAL DESCRIPTION
The CS42L51 is a highly integrated, 24-bit, 96 kHz, low power stereo CODEC. Based on multi-bit, delta-sigma modulation, it allows infinite sample rate adjustment between 4 kHz and 96 kHz. Both the ADC and DAC offer many features suitable for low power, portable system applications.

SYSTEM FEATURES
♦ 24-bit Converters
♦ 4 kHz to 96 kHz Sample Rate
♦ Multi-bit Delta Sigma Architecture
♦ Low Power Operation
    – Stereo Playback: 12.93 mW @ 1.8 V
    – Stereo Record and Playback: 20.18 mW @ 1.8 V
♦ Variable Power Supplies
    – 1.8 V to 2.5 V Digital & Analog
    – 1.8 V to 3.3 V Interface Logic
♦ Power Down Management
    – ADC, DAC, CODEC, MIC Pre-Amplifier, PGA
♦ Software Mode (I²C® & SPI™ Control)
♦ Hardware Mode (Stand-Alone Control)
♦ Digital Routing/Mixes:
    – Analog Out = ADC + Digital In
    – Digital Out = ADC + Digital In
    – Internal Digital Loopback
    – Mono Mixes
♦ Flexible Clocking Options
    – Master or Slave Operation
    – High-Impedance Digital Output Option (for easy MUXing between CODEC and Other Data Sources)
    – Quarter-Speed Mode - (i.e. Allows 8 kHz Fs while maintaining a flat noise floor up to 16 kHz)

APPLICATIONS
♦ HDD & Flash-Based Portable Audio Players
♦ MD Players/Recorders
♦ PDAs
♦ Personal Media Players
♦ Portable Game Consoles
♦ Digital Voice Recorders
♦ Digital Camcorders
♦ Digital Cameras
♦ Smart Phones




Similar Part No. - CDB42L51

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB42L51 CIRRUS-CDB42L51 Datasheet
1Mb / 88P
Low Power, Stereo CODEC with Headphone Amp
More results


Similar Description - CDB42L51

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42L50 CIRRUS-CS42L50 Datasheet
1Mb / 48P
Low Voltage, Stereo CODEC with headphone Amp
CS42L51 CIRRUS-CS42L51_07 Datasheet
1Mb / 88P
Low Power, Stereo CODEC with Headphone Amp
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
Low Power Stereo Audio CODEC With Headphone Amplifier
logo
Freescale Semiconductor...
SGTL5000XNAA3 FREESCALE-SGTL5000XNAA3 Datasheet
1Mb / 84P
Low Power Stereo Codec with Headphone Amp
SGTL5000 FREESCALE-SGTL5000_13 Datasheet
1Mb / 68P
Low Power Stereo Codec with Headphone Amp
SGTL5000XNAA3R2 FREESCALE-SGTL5000XNAA3R2 Datasheet
1Mb / 68P
Low Power Stereo Codec with Headphone Amp
logo
NXP Semiconductors
SGTL5000 NXP-SGTL5000 Datasheet
3Mb / 68P
Low Power Stereo Codec with Headphone Amp
Rev. 6.0, 11/2013
logo
Suzhou Everest Semicond...
ES8388 EVEREST-ES8388 Datasheet
830Kb / 36P
Low Power Stereo Audio CODEC With Headphone Amplifier
logo
Cirrus Logic
CS42L56 CIRRUS-CS42L56 Datasheet
3Mb / 92P
Ultralow Power, Stereo Codec with Class H Headphone Amp
Version 2.1, January 2000
logo
Suzhou Everest Semicond...
ES8328 EVEREST-ES8328 Datasheet
527Kb / 37P
Low Power Stereo Audio CODEC With Headphone Amplifier
Revision 1.0
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com